전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMOC3053H 데이터시트(PDF) 4 Page - COSMO Electronics Corporation

부품명 KMOC3053H
상세설명  5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COSMO [COSMO Electronics Corporation]
홈페이지  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3053H 데이터시트(HTML) 4 Page - COSMO Electronics Corporation

  KMOC3053H Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC3053H Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3053H Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3053H Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3053H Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3053H Datasheet HTML 6Page - COSMO  Electronics Corporation KMOC3053H Datasheet HTML 7Page - COSMO  Electronics Corporation KMOC3053H Datasheet HTML 8Page - COSMO  Electronics Corporation KMOC3053H Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P41002.1
- 4 -
http://www.cosmo-ic.com
cosmo
KMOC305X Series
5PIN RANDOM-PHASE TRIAC DRIVER
PHOTOCOUPLER
Fig.1 Forward Current
Fig.2 Diode Power Dissipation
vs. Ambient Temperature
vs. Ambient Temperature
0
-4 0
-2 0
0
2 0
40
60
80
10 0 1 15
10
20
30
40
50
60
0
-4 0 -2 0
0
2 0
40
6 0
80
100 11 5
20
40
60
80
100
120
70
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.3 On-state R.M.S. Current
Fig.4 Total Power Dissipation
vs. Ambient Temperature
vs. Ambient Temperature
0
-40 -20
0
20
40
60
80 100 115
20
40
60
80
100
120
0
-40 -20
0
20
40
6 0
8 0
10 0 1 15
100
200
300
400
500
600
330
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.5 Peak Forward Current
Fig.6 Forward Current
vs. Duty Ratio
vs. Forward Voltage
10
10
100
1000
10000
1
-3
10
-2
10
-1
Pulse width <= 100us
Ta=25°C
1
10
100
1000
0.51.0
1.52.0
2.53.0
0
5
2
50
20
500
200
Ta=75°C
50°C
25°C
0°C
-25°C
Duty Ratio
Forward Voltage (V)


유사한 부품 번호 - KMOC3053H

제조업체부품명데이터시트상세설명
logo
COSMO Electronics Corp...
KMOC3053H COSMO-KMOC3053H Datasheet
86Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3053H COSMO-KMOC3053H Datasheet
270Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
More results

유사한 설명 - KMOC3053H

제조업체부품명데이터시트상세설명
logo
COSMO Electronics Corp...
KMOC302X COSMO-KMOC302X Datasheet
213Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC305X COSMO-KMOC305X_15 Datasheet
270Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC302X COSMO-KMOC302X_15 Datasheet
261Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3011 COSMO-KMOC3011_15 Datasheet
249Kb / 10P
   4PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3616 COSMO-KTLP3616_15 Datasheet
250Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3502 COSMO-KTLP3502_15 Datasheet
251Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3506 COSMO-KTLP3506_15 Datasheet
251Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP165J COSMO-KTLP165J_15 Datasheet
207Kb / 9P
   4PIN MINI-FLAT RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
logo
Everlight Electronics C...
EL301X EVERLIGHT-EL301X_15 Datasheet
509Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
logo
COSMO Electronics Corp...
KMOC304X COSMO-KMOC304X Datasheet
217Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com