전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A-302SR 데이터시트(PDF) 7 Page - PARA LIGHT ELECTRONICS CO., LTD.

부품명 A-302SR
상세설명  0.3 INCH DUAL DIGITS DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
홈페이지  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-302SR 데이터시트(HTML) 7 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button A-302SR Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-302SR Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-302SR Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-302SR Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-302SR Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-302SR Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-302SR Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-302SR Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. A-302SR Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
0.3
INCH
DUAL
DIGITS
DISPLAY
A-302SR
REV:A / 1
2) Use Display with holder made of resin (Fig.4) to position the PIN.
—FORMED LEAD
1) The PIN should be bent at a point located at least 2mm away from the package. Bending should
be performed with base fixed means of a jig or pliers (Fig.5)
2) Forming PIN should be carried our prior to soldering and never during or after soldering.
3) Form the PIN to ensure alignment between the PIN and the hole on board, so that stress against
the Display is prevented. (Fig.6)
DRAWING NO. : DS-12-03-0098
DATE : 2013-04-11
Page : 7
Fig.5
Fig.6
Fig.4
Release
by
PARALIGHTDCC


유사한 부품 번호 - A-302SR

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
A-302SR ETC1-A-302SR Datasheet
109Kb / 1P
   DUAL DIGITS DISPLAY
More results

유사한 설명 - A-302SR

제조업체부품명데이터시트상세설명
logo
PARA LIGHT ELECTRONICS ...
A-302E PARALIGHT-A-302E Datasheet
201Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
A-302G PARALIGHT-A-302G Datasheet
198Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
C-302E-A PARALIGHT-C-302E-A Datasheet
203Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
logo
China Semiconductor Cor...
CSD-322G CHINASEMI-CSD-322G Datasheet
172Kb / 5P
   0.3 Inch Dual Digits Display
CSD-322T9 CHINASEMI-CSD-322T9 Datasheet
176Kb / 5P
   0.3 Inch Dual Digits Display
CSD-322V9 CHINASEMI-CSD-322V9 Datasheet
171Kb / 5P
   0.3 Inch Dual Digits Display
CSD-322S CHINASEMI-CSD-322S Datasheet
175Kb / 6P
   0.3 Inch Dual Digits Display
CSD-322B7 CHINASEMI-CSD-322B7 Datasheet
170Kb / 5P
   0.3 Inch Dual Digits Display
CSD-322M9 CHINASEMI-CSD-322M9 Datasheet
191Kb / 6P
   0.3 Inch Dual Digits Display
logo
PARA LIGHT ELECTRONICS ...
C302SR-NW PARALIGHT-C302SR-NW Datasheet
195Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com