전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A-392SR-L24 데이터시트(PDF) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

부품명 A-392SR-L24
상세설명  0.39 INCH DUAL DIGITS DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
홈페이지  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-392SR-L24 데이터시트(HTML) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

  A-392SR-L24 Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. A-392SR-L24 Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-392SR-L24 Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-392SR-L24 Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-392SR-L24 Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-392SR-L24 Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-392SR-L24 Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-392SR-L24 Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-392SR-L24 Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
0.39
INCH
DUAL
DIGITS
DISPLAY
A-392SR-L24 G/W
REV:A / 0
FEATURES
Û
9.90mm (0.39 inch ) DIGIT HEIGHT
Û
COMMON ANODE
Û
I.C. COMPATIBLE
Û
LOW POWER CONSUMPTION
Û
Pb FREE PRODUCTS
Û
ROHS COMPLIANCE
Û
GRAY FACE, WHITE SEGMENTS
Raw Material : GaAlAs/GaAs
ABSOLUTE MAXIMUM RATING : ( Ta = 25
BC )
SYMBOL
PARAMETER
SUPER RED
UNIT
PD
Power Dissipation Per Segment
60
mW
VR
Reverse Voltage Per Segment
5
V
IAF
Continuous Forward Current Per Segment
30
mA
IPF
Peak Forward Current Per Segment
(1/10 Duty Cycle,0.1ms Pulse Width)
100
mA
Derating Linear From 25
BC Per Segment
0.4
mA/
BC
Topr
Operating Temperature Range
-35BC to 85BC
Tstg
Storage Temperature Range
-35BC to 85BC
ELECTRO-OPTICAL CHARACTERISTICS : ( Ta = 25
BC )
SYMBOL
PARAMETER
TEST CONDITION MIN.
TYP.
MAX. UNIT
VF
Forward Voltage , Per Segment
IF = 20mA
1.8
2.2
V
IR
Reverse Current , Per Segment
VR = 5V
100
mA
lP
Peak Emission Wavelength
IF = 20mA
660
nm
lD
Dominant Wavelength
IF = 20mA
643
nm
Δl
Spectral Line Half-Width
IF = 20mA
20
nm
IV
Luminous Intensity Per Segment
IF = 10mA
3.2
8.0
mcd
DRAWING NO. : DS-12-11-0303G
DATE : 2011-09-09
Page : 3
LD-R/RD014
Release
by
PARALIGHTDCC


유사한 부품 번호 - A-392SR-L24

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
A-392SR ETC-A-392SR Datasheet
107Kb / 1P
   DUAL DIGITS DISPLAY
More results

유사한 설명 - A-392SR-L24

제조업체부품명데이터시트상세설명
logo
PARA LIGHT ELECTRONICS ...
C-392E PARALIGHT-C-392E Datasheet
200Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
C-392G PARALIGHT-C-392G Datasheet
198Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
A-392E-L165-EP-A PARALIGHT-A-392E-L165-EP-A Datasheet
213Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
A-392G PARALIGHT-A-392G Datasheet
198Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
A-392Y PARALIGHT-A-392Y Datasheet
196Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
C-392SR-EP-A PARALIGHT-C-392SR-EP-A Datasheet
203Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
logo
Ningbo Foryard Optoelec...
FYT-3931AX-00 FORYARD-FYT-3931AX-00 Datasheet
475Kb / 5P
   0.39 Inch (10.00mm) digit height Three Digits Display
logo
PARA LIGHT ELECTRONICS ...
A-362G-L60 PARALIGHT-A-362G-L60 Datasheet
197Kb / 10P
   0.36 INCH DUAL DIGITS DISPLAY
A-402G PARALIGHT-A-402G Datasheet
215Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
A-402G-10 PARALIGHT-A-402G-10 Datasheet
201Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com