전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A-392Y 데이터시트(PDF) 1 Page - PARA LIGHT ELECTRONICS CO., LTD.

부품명 A-392Y
상세설명  0.39 INCH DUAL DIGITS DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
홈페이지  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-392Y 데이터시트(HTML) 1 Page - PARA LIGHT ELECTRONICS CO., LTD.

  A-392Y Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. A-392Y Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-392Y Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-392Y Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-392Y Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-392Y Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-392Y Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-392Y Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-392Y Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PARA LIGHT ELECTRONICS CO., LTD.
4F, No.1, Lane 93, Chien Yi Road, Chung Ho City, Taipei, Taiwan, R.O.C.
Tel: 886-2-2225-3733
Fax: 886-2-2225-4800
E-mail: para@para.com.tw
http://www.para.com.tw
DATA
SHEET
PART NO. :
A-392Y
REV :
A / 2
CUSTOMER
’S APPROVAL : _______________
DCC : ____________
DRAWING NO. : DS-12-04-0092
DATE : 2013-04-10
Page : 1
LD-R/RD012
Release
by
PARALIGHTDCC


유사한 부품 번호 - A-392Y

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
A-392Y ETC-A-392Y Datasheet
107Kb / 1P
   DUAL DIGITS DISPLAY
More results

유사한 설명 - A-392Y

제조업체부품명데이터시트상세설명
logo
PARA LIGHT ELECTRONICS ...
A-392SR-L24 PARALIGHT-A-392SR-L24 Datasheet
198Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
C-392E PARALIGHT-C-392E Datasheet
200Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
C-392G PARALIGHT-C-392G Datasheet
198Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
A-392E-L165-EP-A PARALIGHT-A-392E-L165-EP-A Datasheet
213Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
A-392G PARALIGHT-A-392G Datasheet
198Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
C-392SR-EP-A PARALIGHT-C-392SR-EP-A Datasheet
203Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
logo
Ningbo Foryard Optoelec...
FYT-3931AX-00 FORYARD-FYT-3931AX-00 Datasheet
475Kb / 5P
   0.39 Inch (10.00mm) digit height Three Digits Display
logo
PARA LIGHT ELECTRONICS ...
A-362G-L60 PARALIGHT-A-362G-L60 Datasheet
197Kb / 10P
   0.36 INCH DUAL DIGITS DISPLAY
A-402G PARALIGHT-A-402G Datasheet
215Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
A-402G-10 PARALIGHT-A-402G-10 Datasheet
201Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com