전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A-402G-10 데이터시트(PDF) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

부품명 A-402G-10
상세설명  0.4 INCH DUAL DIGITS DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
홈페이지  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-402G-10 데이터시트(HTML) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

  A-402G-10 Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. A-402G-10 Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-402G-10 Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-402G-10 Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-402G-10 Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-402G-10 Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-402G-10 Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-402G-10 Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-402G-10 Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
0.4
INCH
DUAL
DIGITS
DISPLAY
A-402G-10 G/W
REV:A / 0
PACKAGE DIMENSIONS
NOTES : 1. All dimensions are in millimeters. (inches)
2. Tolerance We would like to offer you samples and mass
3. Pls. contact with us when your production need to be
operated under the Pb free process.
DRAWING NO. : DS-12-11-0035G
DATE : 2011-01-27
Page : 2
LD-R/RD013
Release
by
PARALIGHTDCC


유사한 부품 번호 - A-402G-10

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
A-402G ETC-A-402G Datasheet
107Kb / 1P
   DUAL DIGITS DISPLAY
logo
PARA LIGHT ELECTRONICS ...
A-402G PARALIGHT-A-402G Datasheet
215Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
More results

유사한 설명 - A-402G-10

제조업체부품명데이터시트상세설명
logo
PARA LIGHT ELECTRONICS ...
A-402G PARALIGHT-A-402G Datasheet
215Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
A-402UB-A PARALIGHT-A-402UB-A Datasheet
195Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
A-402Y PARALIGHT-A-402Y Datasheet
206Kb / 11P
   0.4 INCH DUAL DIGITS DISPLAY
logo
China Semiconductor Cor...
CSD-424G CHINASEMI-CSD-424G Datasheet
173Kb / 5P
   0.4 Inch Dual Digits Display
CSD-424T9 CHINASEMI-CSD-424T9 Datasheet
176Kb / 5P
   0.4 Inch Dual Digits Display
CSD-424V9 CHINASEMI-CSD-424V9 Datasheet
172Kb / 5P
   0.4 Inch Dual Digits Display
logo
PARA LIGHT ELECTRONICS ...
C-402G PARALIGHT-C-402G Datasheet
209Kb / 11P
   0.4 INCH DUAL DIGITS DISPLAY
C-402SR PARALIGHT-C-402SR Datasheet
208Kb / 11P
   0.4 INCH DUAL DIGITS DISPLAY
C-402UB-10 PARALIGHT-C-402UB-10 Datasheet
197Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
C-402Y PARALIGHT-C-402Y Datasheet
208Kb / 11P
   0.4 INCH DUAL DIGITS DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com