전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A-4001G 데이터시트(PDF) 8 Page - PARA LIGHT ELECTRONICS CO., LTD.

부품명 A-4001G
상세설명  4.0 INCH SINGLE DIGIT DISPLAY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
홈페이지  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-4001G 데이터시트(HTML) 8 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button A-4001G Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001G Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001G Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001G Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001G Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001G Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001G Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001G Datasheet HTML 11Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001G Datasheet HTML 12Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
4.0
INCH
SINGLE
DIGIT
DISPLAY
A-4001G
REV:A / 0
2) Similarly, when a jig is used to solder the Display to PC board, take care as much as possible to
avoid steering the PIN (See Fig.2).
3) Repositioning after soldering should be avoided as much as possible. If inevitable, be sure to
preserve the soldering conditions with irons stated above: select a best-suited method that
assures the least stress to the Display.
4) PIN cutting after soldering should be performed only after the Display temperature has returned
to normal temperature.
—LED MOUNTING METHOD
1) When mounting the Display by using a case, as shown Fig.3, ensure that the mounting holds on
the PC board match the pitch of the PIN correctly-tolerance of dimensions of the respective
components including the Display should be taken into account especially when designing the
case, PC board, etc. to prevent pitch misalignment between the PIN and board holes, the
diameter of the board holes should be slightly larger than the size of the PIN. Alternatively, the
shape of the holes should be made oval. (See Fig.3)
DRAWING NO. : DS-11-11-0162G-1
DATE : 2011-04-25
Page : 8
Fig.3
Fig.2
Release
by
PARALIGHTDCC


유사한 부품 번호 - A-4001G

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
A-4001G ETC-A-4001G Datasheet
79Kb / 1P
   SINGLE DIGIT DISPLAY
More results

유사한 설명 - A-4001G

제조업체부품명데이터시트상세설명
logo
China Semiconductor Cor...
CSS-4018VM9 CHINASEMI-CSS-4018VM9 Datasheet
218Kb / 7P
   4.0 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-4001Y PARALIGHT-A-4001Y Datasheet
215Kb / 11P
   4.0 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-4012D CHINASEMI-CSS-4012D Datasheet
194Kb / 6P
   4.0 Inch Single Digit Display
CSS-4012E CHINASEMI-CSS-4012E Datasheet
196Kb / 6P
   4.0 Inch Single Digit Display
CSS-4012G CHINASEMI-CSS-4012G Datasheet
197Kb / 6P
   4.0 Inch Single Digit Display
CSS-4012M9 CHINASEMI-CSS-4012M9 Datasheet
196Kb / 6P
   4.0 Inch Single Digit Display
CSS-4012S CHINASEMI-CSS-4012S Datasheet
195Kb / 6P
   4.0 Inch Single Digit Display
CSS-4018SG CHINASEMI-CSS-4018SG Datasheet
225Kb / 7P
   4.0 Inch Single Digit Display
CSS-4018EG CHINASEMI-CSS-4018EG Datasheet
224Kb / 7P
   4.0 Inch Single Digit Display
CSS-4012V9 CHINASEMI-CSS-4012V9 Datasheet
190Kb / 6P
   4.0 Inch Single Digit Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com