전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT64-05W 데이터시트(PDF) 2 Page - Infineon Technologies AG

부품명 BAT64-05W
상세설명  For low-loss, fast-recovery, meter protection, bias isolation and clamping application
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT64-05W 데이터시트(HTML) 2 Page - Infineon Technologies AG

  BAT64-05W Datasheet HTML 1Page - Infineon Technologies AG BAT64-05W Datasheet HTML 2Page - Infineon Technologies AG BAT64-05W Datasheet HTML 3Page - Infineon Technologies AG BAT64-05W Datasheet HTML 4Page - Infineon Technologies AG BAT64-05W Datasheet HTML 5Page - Infineon Technologies AG BAT64-05W Datasheet HTML 6Page - Infineon Technologies AG BAT64-05W Datasheet HTML 7Page - Infineon Technologies AG BAT64-05W Datasheet HTML 8Page - Infineon Technologies AG BAT64-05W Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2014-02-11
2
BAT64...
Maximum Ratings at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
40
V
Forward current
IF
250
mA
Non-repetitive peak surge forward current
(t
≤ 10ms)
IFSM
800
Average rectified forward current (50/60Hz, sinus) IFAV
120
Total power dissipation
BAT64, TS ≤ 86°C
BAT64-02W, -02V TS ≤ 121°C
BAT64-04, BAT64-06, TS ≤ 61°C
BAT64-04W, BAT64-06W, TS ≤ 111°C
BAT64-05, TS ≤ 36°C
BAT64-05W, TS ≤ 104°C
Ptot
250
250
250
250
250
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BAT64
BAT64-02W, -02V
BAT64-04, BAT64-06,
BAT64-04W, BAT64-06W
BAT64-05
BAT64-05W
RthJS
≤ 255
≤ 115
≤ 355
≤ 155
≤ 455
≤ 185
K/W
1For calculation of RthJA please refer to Application Note AN077 (Thermal Resistance Calculation)


유사한 부품 번호 - BAT64-05W

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BAT64-05W SIEMENS-BAT64-05W Datasheet
69Kb / 6P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
logo
Infineon Technologies A...
BAT64-05W INFINEON-BAT64-05W Datasheet
491Kb / 7P
   Silicon Schottky Diodes
Mar-10-2004
logo
Guangdong Kexin Industr...
BAT64-05W KEXIN-BAT64-05W Datasheet
49Kb / 2P
   Silicon Schottky Diodes
logo
Infineon Technologies A...
BAT64-05W INFINEON-BAT64-05W Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
logo
Micro Commercial Compon...
BAT64-05W MCC-BAT64-05W Datasheet
641Kb / 2P
   Small Signal Schottky Diode
More results

유사한 설명 - BAT64-05W

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BAT64-06E6327 INFINEON-BAT64-06E6327 Datasheet
219Kb / 12P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2007-06-11
BAT54-02VH6327 INFINEON-BAT54-02VH6327 Datasheet
967Kb / 15P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2011-06-29
BAS125-07WH6327 INFINEON-BAS125-07WH6327 Datasheet
104Kb / 8P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2007-04-19
logo
Siemens Semiconductor G...
BAS125W SIEMENS-BAS125W Datasheet
106Kb / 5P
   Preliminary data Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping application)
BAS125-07W SIEMENS-BAS125-07W Datasheet
33Kb / 4P
   Silicon Schottky Diode (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications)
BAS125 SIEMENS-BAS125 Datasheet
104Kb / 5P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications)
BAT64-W SIEMENS-BAT64-W Datasheet
69Kb / 6P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAT64-07 SIEMENS-BAT64-07 Datasheet
88Kb / 4P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAT64 SIEMENS-BAT64 Datasheet
91Kb / 3P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAT64-07W SIEMENS-BAT64-07W Datasheet
34Kb / 3P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com