전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KAQY412S 데이터시트(PDF) 1 Page - COSMO Electronics Corporation

부품명 KAQY412S
상세설명  4PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COSMO [COSMO Electronics Corporation]
홈페이지  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY412S 데이터시트(HTML) 1 Page - COSMO Electronics Corporation

  KAQY412S Datasheet HTML 1Page - COSMO  Electronics Corporation KAQY412S Datasheet HTML 2Page - COSMO  Electronics Corporation KAQY412S Datasheet HTML 3Page - COSMO  Electronics Corporation KAQY412S Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY412S Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY412S Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY412S Datasheet HTML 7Page - COSMO  Electronics Corporation KAQY412S Datasheet HTML 8Page - COSMO  Electronics Corporation KAQY412S Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M01001.1
- 1 -
http://www.cosmo-ic.com
cosmo
KAQY412 Series
4PIN 60V N.C. TYPE
SOLID STATE RELAY-MOSFET OUTPUT
 Description
The KAQY412 series is robust, ideal for telecom and
ground fault applications. It is a SPST normally close
switch (1 Form B) that replaces electromechanical relays
in many applications. It is constructed using a GaAlAs
LED for actuation control and an integrated monolithic die
for the switch output. The die, fabricated in a high-voltage
dielectrically isolated technology, is comprised of a
photodiode array, switch control circuitry and MOSFET
switches.
 Schematic
4
1
1 FORM B
NORMALLY CLOSE
3
2
4
3
1
2
 Features
1. Normally close, single pole single throw
2. Control 60V AC or DC voltage
3. Switch 200mA loads
4. Controls low-level analog signals
5. High sensitivity, low ON resistance
6. Low-level off-state leakage current
7. High isolation voltage
8. Pb free and RoHS compliant
9. Agency Approvals:
• UL 1577 / CUL C22.2 No.1 & NTD No. 5, File No. E169586
• UL 508 / CUL C22.2 No.14-M91, File No. E108430
• VDE EN60747-5-2, File No. 40020973
 Application
• Telecommunications (PC, electronic notepad)
• Modem
• Telephone equipment
• Security equipment
• Sensors
• Measuring and testing equipment
• Factory automation equipment
• High speed inspection machines


유사한 부품 번호 - KAQY412S

제조업체부품명데이터시트상세설명
logo
COSMO Electronics Corp...
KAQY412STL COSMO-KAQY412STL Datasheet
277Kb / 12P
   4PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY412STLD COSMO-KAQY412STLD Datasheet
277Kb / 12P
   4PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY412STR COSMO-KAQY412STR Datasheet
277Kb / 12P
   4PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY412STRU COSMO-KAQY412STRU Datasheet
277Kb / 12P
   4PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

유사한 설명 - KAQY412S

제조업체부품명데이터시트상세설명
logo
COSMO Electronics Corp...
KAQY412 COSMO-KAQY412_15 Datasheet
277Kb / 12P
   4PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY414 COSMO-KAQY414_15 Datasheet
254Kb / 12P
   4PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW412 COSMO-KAQW412_15 Datasheet
276Kb / 12P
   8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV412 COSMO-KAQV412_15 Datasheet
291Kb / 12P
   6PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW412 COSMO-KAQW412 Datasheet
632Kb / 12P
   8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV412 COSMO-KAQV412 Datasheet
511Kb / 12P
   6PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KCP1017 COSMO-KCP1017_15 Datasheet
217Kb / 11P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY212SE COSMO-KAQY212SE_15 Datasheet
204Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY212 COSMO-KAQY212_15 Datasheet
264Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612 COSMO-KAQW612_15 Datasheet
271Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com