전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMB-181N 데이터시트(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

부품명 SMB-181N
상세설명  Surge Absorbers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HUAXINAN [HuaXinAn Electronics CO.,LTD]
홈페이지  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

SMB-181N 데이터시트(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  SMB-181N Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD SMB-181N Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ShenZhen HuaXinAn Electronics Co.,Ltd
Surge Absorbers
SMB Series
1000A
1 Application:
Fast Delivery Time
·For instantaneous over-voltage protection to ADSL,ISDN,MODEM,FAX,TEL,Power Supplies,Alarm systems.
·For instantaneous over-voltage protection to RS485,RS232 port, CATV,video transceiver.
·For instantaneous over-voltage protection to ammeter,water meter auto admin system, etc
2 Features
·Small capacitance and excellent insulation resistance(100MΩ min).
·Small size,No polarity.No dark effect.
·Low electrode capacitance(1pF max).
·Quick response for electrostatic,surge voltage and low limiting voltage.
·Stable for repeated discharge test conditions.
·Operating temperature: -40℃ ~ +85℃. Storage temperature: -40℃ ~ +125℃.
3 Electrical Characteristics
Part Number
DC Spark-Over Voltage Vs(V)
Nominal value (min-max)
Insulation Resistance
Capacitance
of
electrostatic
Surge current
capacity 8/20us
Surge Life
Test
Test voltage IR (MΩ)
1KHz-6V(PF)
SMB-141N
140V
(98V-182V)
DC100V
>1000MΩ
1PF(MAX)
1000A
8/20us
1000A
10times
SMB-181N
180V
(126V-234V)
SMB-201M
200V
(160V-240V)
SMB-251M
250V
(200V-300V)
SMB-301M
300V
(240V-360V)
SMB-401M
400V
(320V-480V)
SMB-471M
470V
400V-560V)
SMB-501M
500V
(400V-600V)
DC250V
>1000MΩ
SMD-901M
900V
(720V-1080V)
SMB-901M
900V
(720V-1080V)
4 Dimension(mm):
Model Series
SMB
Φ2.6±0.3
4.2±0.4
0.4±0.2
Φ2.7±0.3
0.5 Max
1
Revised:February 25,2014
www.huaandz.com


유사한 부품 번호 - SMB-181N

제조업체부품명데이터시트상세설명
logo
SUNMATE electronic Co.,...
SMB-181N SUNMATE-SMB-181N Datasheet
1Mb / 2P
   SURFACE MOUNT GLASS TUBE
logo
HuaXinAn Electronics CO...
SMB-181N HUAXINAN-SMB-181N Datasheet
294Kb / 5P
   SMB Series
More results

유사한 설명 - SMB-181N

제조업체부품명데이터시트상세설명
logo
HuaXinAn Electronics CO...
GSS HUAXINAN-GSS Datasheet
145Kb / 2P
   Surge Absorbers
JSE-141N-3167 HUAXINAN-JSE-141N-3167 Datasheet
599Kb / 6P
   Surge Absorbers
JSE-141N-2040 HUAXINAN-JSE-141N-2040 Datasheet
511Kb / 5P
   Surge Absorbers
YP-141N HUAXINAN-YP-141N Datasheet
318Kb / 6P
   Surge Absorbers
YS-141N HUAXINAN-YS-141N Datasheet
340Kb / 6P
   Surge Absorbers
logo
KOA Speer Electronics, ...
SA05CT52A301N KOA-SA05CT52A301N Datasheet
360Kb / 2P
   surge absorbers
logo
HuaXinAn Electronics CO...
GSE HUAXINAN-GSE Datasheet
144Kb / 2P
   Surge Absorbers
GS41 HUAXINAN-GS41 Datasheet
166Kb / 2P
   Surge Absorbers
GS37-141N HUAXINAN-GS37-141N_V01 Datasheet
318Kb / 6P
   Surge Absorbers
GS41-141N HUAXINAN-GS41-141N_V01 Datasheet
339Kb / 6P
   Surge Absorbers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com