전자부품 데이터시트 검색엔진 |
|
C-1201Y 데이터시트(PDF) 8 Page - PARA LIGHT ELECTRONICS CO., LTD. |
|
C-1201Y 데이터시트(HTML) 8 Page - PARA LIGHT ELECTRONICS CO., LTD. |
8 / 11 page 1.2 INCH SINGLE DIGIT DISPLAY C-1201Y REV:A / 0 2) Use Display with holder made of resin (Fig.4) to position the PIN. —FORMED LEAD 1) The PIN should be bent at a point located at least 2mm away from the package. Bending should be performed with base fixed means of a jig or pliers (Fig.5) 2) Forming PIN should be carried our prior to soldering and never during or after soldering. 3) Form the PIN to ensure alignment between the PIN and the hole on board, so that stress against the Display is prevented. (Fig.6) DRAWING NO. : DS-11-09-0055 DATE : 2009-04-02 Page : 8 Fig.5 Fig.6 Fig.4 Release by PARALIGHTDCC |
유사한 부품 번호 - C-1201Y |
|
유사한 설명 - C-1201Y |