전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EM91420 데이터시트(PDF) 1 Page - ELAN Microelectronics Corp

부품명 EM91420
상세설명  TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EMC [ELAN Microelectronics Corp]
홈페이지  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM91420 데이터시트(HTML) 1 Page - ELAN Microelectronics Corp

  EM91420 Datasheet HTML 1Page - ELAN Microelectronics Corp EM91420 Datasheet HTML 2Page - ELAN Microelectronics Corp EM91420 Datasheet HTML 3Page - ELAN Microelectronics Corp EM91420 Datasheet HTML 4Page - ELAN Microelectronics Corp EM91420 Datasheet HTML 5Page - ELAN Microelectronics Corp EM91420 Datasheet HTML 6Page - ELAN Microelectronics Corp EM91420 Datasheet HTML 7Page - ELAN Microelectronics Corp EM91420 Datasheet HTML 8Page - ELAN Microelectronics Corp EM91420 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
EM91420 SERIES
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
AND DUAL-TONE MELODY GENERATOR
1
* This specification are subject to be changed without notice.
10.1.1997
GENERAL DESCRIPTION
The EM91420 is a series of tone/pulse switchable dialers that is composed of T/P dialer and T/P dialer with
20-set memories. The EM91420 series provides necessary functions of telephone set for application in any
environment, such as Pulse dialing, Tone (DTMF) dialing, Handfree dialing, keying tone ,and lock functions.
The lock function is designed to inhibit toll dialing operation. Beside this, melody generator, ring detector and
SDO (Serial Data Output) functions are provided in advance version. Melody generator will output dual-tone
music in line hold duration. Ring detector can prevent illegal dialing from pocket dialer. The SDO is designed
to drive LCD driver and voice synthesizer. In this application, the dialing numbers can be displayed on LCD
screen with EM32100 ( or EM32116 ).
FEATURES
• Tone/Pulse switchable.
Wide operating voltage from 2.0 V to 5.5 V.
Low operating current, 0.15 mA (Pulse) and 0.3 mA (Tone) typically.
• Adding resistor on keyboard scan pin that can select many telephone specifications, such as : Pulse rate,
M/B ratio, Flash time, lock dialing functions.
• SDO function supports LCD driver and voice synthesizer to indicate dialing numbers.
• Line hold function is designed for stopping conversation temporality.
• Melody generator provides music on hold function.
• Lock function provides conventionality key lock and password lock operations.
• Ring detector is designed to prevent illegal dialing from pocket dialer.
• 20-set three touch repertory memory, each one can hold data up to 16 digits.
• A 32-digit LNB (last number) redial memory.
• Keytone function provides rapidly keying recognition.
• Handfree function provides on-hook dialing and speakerphone application.
• Pause and P-T time are fixed to 3.6 seconds.
• Tone duration and inter-tone pause time are fixed to 98 ms.
• Using 3.579545 MHz crystal or ceramic resonator.
• Package forms: PDIP, skinny.
ORDERING INFORMATION
Versions list and function outline
VERSION
LNB
KT
HOLD(music)
LOCK
HF
SDO(LCD)
PDP
EM91420A
EM91420B
EM91420C
EM91420D
Note : PDP = Pocket Dialer Prevented
EM91420 SERIES
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
AND DUAL-TONE MELODY GENERATOR


유사한 부품 번호 - EM91420

제조업체부품명데이터시트상세설명
logo
ELAN Microelectronics C...
EM91401 EMC-EM91401 Datasheet
174Kb / 23P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91401A EMC-EM91401A Datasheet
174Kb / 23P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91401AP EMC-EM91401AP Datasheet
174Kb / 23P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91401B EMC-EM91401B Datasheet
174Kb / 23P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91401BP EMC-EM91401BP Datasheet
174Kb / 23P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
More results

유사한 설명 - EM91420

제조업체부품명데이터시트상세설명
logo
ELAN Microelectronics C...
EM91410 EMC-EM91410 Datasheet
175Kb / 24P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91403 EMC-EM91403 Datasheet
174Kb / 24P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91415 EMC-EM91415 Datasheet
186Kb / 25P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91401 EMC-EM91401 Datasheet
174Kb / 23P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91440 EMC-EM91440 Datasheet
175Kb / 24P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
logo
Silan Microelectronics ...
SC91415CK SILAN-SC91415CK Datasheet
301Kb / 23P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY
logo
ELAN Microelectronics C...
EM91215 EMC-EM91215 Datasheet
145Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91810A EMC-EM91810A Datasheet
172Kb / 18P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91210 EMC-EM91210 Datasheet
143Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91203 EMC-EM91203 Datasheet
143Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com