전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP350H 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TLP350H
상세설명  Transistor Inverters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP350H 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TLP350H Datasheet HTML 1Page - Toshiba Semiconductor TLP350H Datasheet HTML 2Page - Toshiba Semiconductor TLP350H Datasheet HTML 3Page - Toshiba Semiconductor TLP350H Datasheet HTML 4Page - Toshiba Semiconductor TLP350H Datasheet HTML 5Page - Toshiba Semiconductor TLP350H Datasheet HTML 6Page - Toshiba Semiconductor TLP350H Datasheet HTML 7Page - Toshiba Semiconductor TLP350H Datasheet HTML 8Page - Toshiba Semiconductor TLP350H Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TLP350H
5
11.
11.
11.
11. Switching Characteristics (Note)
Switching Characteristics (Note)
Switching Characteristics (Note)
Switching Characteristics (Note)
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, Taaaa = -40 to 125
= -40 to 125
= -40 to 125
= -40 to 125
))))
Characteristics
Propagation delay time
(L/H)
Propagation delay time
(H/L)
Pulse width distortion
Rise time
Fall time
Common-mode transient
immunity at output high
Common-mode transient
immunity at output low
Symbol
tpLH
tpHL
|tpHL-tpLH|
tr
tf
CMH
CML
Note
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 2)
(Note 3)
Test
Circuit
Fig.
12.1.7
Fig.
12.1.8
Test Condition
IF = 0 → 5 mA, VCC = 30 V,
Rg = 20 Ω, Cg = 10 nF
IF = 5 → 0 mA, VCC = 30 V,
Rg = 20 Ω, Cg = 10 nF
IF = 0 ←→ 5 mA, VCC = 30 V,
Rg = 20 Ω, Cg = 10 nF
IF = 0 → 5 mA, VCC = 30 V,
Rg = 20 Ω, Cg = 10 nF
IF = 5 → 0 mA, VCC = 30 V,
Rg = 20 Ω, Cg = 10 nF
VCM = 1000 Vp-p, IF = 5 mA,
VCC = 30 V, Ta = 25,
VO(min) = 26 V
VCM = 1000 Vp-p, IF = 0 mA,
VCC = 30 V, Ta = 25,
VO(max) = 1 V
Min
50
50
±20
±20
Typ.
15
8
±25
±25
Max
500
500
350
Unit
ns
kV/µs
Note:
All typical values are at Ta = 25.
Note 1: Input signal ( f = 25 kHz, duty = 50%, tr = tf = 5 ns or less ).
CL is approximately 15 pF which includes probe and stray wiring capacitance.
Note 2: CMH is the maximum rate of rise of the common mode voltage that can be sustained with the output voltage
in the logic high state (VO > 26 V).
Note 3: CML is the maximum rate of fall of the common mode voltage that can be sustained with the output voltage in
the logic low state (VO < 1 V).
2013-08-29
Rev.4.0


유사한 부품 번호 - TLP350H

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP350H TOSHIBA-TLP350H Datasheet
505Kb / 21P
   Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-18 Rev.8.0
TLP350HF TOSHIBA-TLP350HF Datasheet
505Kb / 21P
   Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-18 Rev.8.0
More results

유사한 설명 - TLP350H

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
logo
Toshiba Semiconductor
TC7W04F TOSHIBA-TC7W04F Datasheet
212Kb / 7P
   2 INVERTERS
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
logo
Renesas Technology Corp
HD74LV2G04A RENESAS-HD74LV2G04A Datasheet
85Kb / 9P
   Triple Inverters
logo
Texas Instruments
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
logo
ON Semiconductor
2SA1552 ONSEMI-2SA1552 Datasheet
107Kb / 7P
   Bipolar Transistor Converters, inverters, color TV audio output
December, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com