전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F0603C0R75FWTR 데이터시트(PDF) 6 Page - AVX Corporation

부품명 F0603C0R75FWTR
상세설명  Accu-Guard짰 II SMD Thin-Film Fuse
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVX [AVX Corporation]
홈페이지  http://www.avx.com
Logo AVX - AVX Corporation

F0603C0R75FWTR 데이터시트(HTML) 6 Page - AVX Corporation

Back Button F0603C0R75FWTR Datasheet HTML 2Page - AVX Corporation F0603C0R75FWTR Datasheet HTML 3Page - AVX Corporation F0603C0R75FWTR Datasheet HTML 4Page - AVX Corporation F0603C0R75FWTR Datasheet HTML 5Page - AVX Corporation F0603C0R75FWTR Datasheet HTML 6Page - AVX Corporation F0603C0R75FWTR Datasheet HTML 7Page - AVX Corporation F0603C0R75FWTR Datasheet HTML 8Page - AVX Corporation F0603C0R75FWTR Datasheet HTML 9Page - AVX Corporation F0603C0R75FWTR Datasheet HTML 10Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
12
Accu-Guard® II
Lead-Free SMD Thin-Film Fuse
10
1
10
-1
10
-2
10
-3
10
-4
10
-5
10
-6
0.1
1
10
100
Current, Amp
Pre-
Arc
Time,
sec
2.0 A
2.5 A
3.0 A
1.5 A
1.75A
1.0 A
0.5 A
0.7 5A
0.375A
0.2 5A
1.25 A
FUSE TIME – CURRENT CHARACTERISTICS
FOR TYPE F0603E (TYPICAL)


유사한 부품 번호 - F0603C0R75FWTR

제조업체부품명데이터시트상세설명
logo
AVX Corporation
F0603C0R75FWTR AVX-F0603C0R75FWTR Datasheet
285Kb / 18P
   Accu-Guard SMD Thin-Film Fuse
F0603C0R75FWTR AVX-F0603C0R75FWTR Datasheet
214Kb / 17P
   SMD Thin-Film Fuse
More results

유사한 설명 - F0603C0R75FWTR

제조업체부품명데이터시트상세설명
logo
AVX Corporation
F1206A0R20FSTR AVX-F1206A0R20FSTR Datasheet
315Kb / 23P
   Accu-Guard, SMD Thin-Film Fuse
F0402E AVX-F0402E Datasheet
285Kb / 18P
   Accu-Guard SMD Thin-Film Fuse
F1206B3R00FSTR AVX-F1206B3R00FSTR Datasheet
195Kb / 12P
   Accu-Guard SMD Thin-Film Fuse
F0402G0R05FNTR AVX-F0402G0R05FNTR Datasheet
189Kb / 4P
   Accu-Guard짰 II Low Current Miniature 0402 Size Thin-Film Fuses
F0603G0R05FNTR AVX-F0603G0R05FNTR Datasheet
92Kb / 4P
   MINIATURE 0603 SIZE LOW CURRENT LGA ACCU-GUARD짰 THIN FILM FUSES
F1206A0R20FSTR AVX-F1206A0R20FSTR_11 Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
F0402E0R25FSTR AVX-F0402E0R25FSTR_17 Datasheet
214Kb / 17P
   SMD Thin-Film Fuse
F1206A AVX-F1206A Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
06035J3R3BBTTR AVX-06035J3R3BBTTR Datasheet
458Kb / 20P
   Accu-F Accu-P Thin-Film RF/Microwave Capacitors
F0402G0R05FNTR AVX-F0402G0R05FNTR Datasheet
189Kb / 4P
   Accu-Guard II Low Current Miniature 0402 Size Thin-Film Fuses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com