전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5037M 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 FAN5037M
상세설명  Adjustable Switching Regulator Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5037M 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN5037M Datasheet HTML 3Page - Fairchild Semiconductor FAN5037M Datasheet HTML 4Page - Fairchild Semiconductor FAN5037M Datasheet HTML 5Page - Fairchild Semiconductor FAN5037M Datasheet HTML 6Page - Fairchild Semiconductor FAN5037M Datasheet HTML 7Page - Fairchild Semiconductor FAN5037M Datasheet HTML 8Page - Fairchild Semiconductor FAN5037M Datasheet HTML 9Page - Fairchild Semiconductor FAN5037M Datasheet HTML 10Page - Fairchild Semiconductor FAN5037M Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PRODUCT SPECIFICATION
FAN5037
REV. 1.0.3 9/26/01
9
Power and Ground Connections
The connection of VCCA to the 5V power supply plane
should be short and bypassed with a 0.1µF directly at the
VCCA pin of the FAN5037. The ideal connection would be a
via down to the 5V power plane. A similar arrangement
should be made for the VCCP pin that connects to +12V.
Each ground should have a separate via connection to the
ground plane below.
A 12V power supply is used to bias the VCCP. A 47
Ω resis-
tor is used to limit the transient current into VCCP. A 1uF
capacitor filter is used to filter the VCCP supply and source
the transient current required to charge the MOSFET gate
capacitance. This method provides sufficiently high gate bias
voltage to the MOSFET (VGS), and therefore reduces
RDS(ON) of the MOSFET and its power loss.
Figure 4 provides about 5V of gate bias which works well
when using typical logic-level MOSFETs. Non-logic-level
MOSFETs should not be used because of their higher
RDS(ON).
MOSFET Gate Bias
Figure 4. 12V Gate Bias Configuration
VOUT
+5V
VCCP
47
Q1
L2
RSENSE
CBULK
D1
1
µF
GNDP
+12V


유사한 부품 번호 - FAN5037M

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5037M FAIRCHILD-FAN5037M Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
More results

유사한 설명 - FAN5037M

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5037 FAIRCHILD-FAN5037 Datasheet
101Kb / 11P
   Adjustable Switching Regulator Controller
RC5037 FAIRCHILD-RC5037 Datasheet
81Kb / 12P
   Adjustable Switching Regulator Controller
FAN5037M FAIRCHILD-FAN5037M Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com