전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FC0V474ZFTBR24 데이터시트(PDF) 1 Page - NEC

부품명 FC0V474ZFTBR24
상세설명  6. Rated Specifi cations 6.1 FC Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

FC0V474ZFTBR24 데이터시트(HTML) 1 Page - NEC

  FC0V474ZFTBR24 Datasheet HTML 1Page - NEC FC0V474ZFTBR24 Datasheet HTML 2Page - NEC FC0V474ZFTBR24 Datasheet HTML 3Page - NEC FC0V474ZFTBR24 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2010.11.8 9565SCAVOL12E
Super Capacitors Vol.12 9
Markings
Displays nominal capacitance, MAX operating voltage serial number, polarity and etc.
Standard models
FC Type
Part Number
Max.
Operating
Voltage
(Vdc)
Nominal
Capacitance
Discharge
system (F)
Max. ESR
(at 1kHz)
(Ω)
Max.
current at
30 minutes
(mA)
Voltage
Holding
Characteristic
Min. (V)
Dimension (Unit:mm)
Weight
(g)
DH
A
B
I
W
P
K
L
FC0H473ZFTBR24
5.5
0.047
50
0.071
4.2
10.5
5.5
10.8
10.8 3.6±0.5
1.2
5.0
0.7±0.3 0 +0.3
1.0
0.1
FC0H104ZFTBR24
5.5
0.10
25
0.15
4.2
10.5
5.5
10.8
10.8 3.6±0.5
1.2
5.0
0.7±0.3 0 +0.3
1.0
0.1
FC0H224ZFTBR24
5.5
0.22
25
0.33
4.2
10.5
8.5
10.8
10.8 3.6±0.5
1.2
5.0
0.7±0.3 0 +0.3
1.4
0.1
FC0H474ZFTBR32-SS
5.5
0.47
13
0.71
4.2
16.0
9.5
16.3
16.3 6.8±1.0
1.2
5.0
1.2±0.5 0 +0.5
4.0
0.1
FC0H105ZFTBR44-SS
5.5
1.0
7
1.50
4.2
21.0
10.5
21.6
21.6 7.0±1.0
1.4
10.0 1.2±0.5 0 +0.5
6.7
0.1
FC0V104ZFTBR24
3.5
0.10
50
0.09
̶
10.5
5.5
10.8
10.8 3.6±0.5
1.2
5.0
0.7±0.3 0 +0.3
1.0
0.1
FC0V224ZFTBR24
3.5
0.22
25
0.20
̶
10.5
5.5
10.8
10.8 3.6±0.5
1.2
5.0
0.7±0.3 0 +0.3
1.0
0.1
FC0V474ZFTBR24
3.5
0.47
25
0.42
̶
10.5
8.5
10.8
10.8 3.6±0.5
1.2
5.0
0.7±0.3 0 +0.3
1.4
0.1
FCH Type
Part Number
Max.
Operating
Voltage
(Vdc)
Nominal
Capacitance
Discharge
system (F)
Max. ESR
(at 1kHz)
(Ω)
Max.
current at
30 minutes
(mA)
Voltage
Holding
Characteristic
Min. (V)
Dimension (Unit:mm)
Weight
(g)
DH
A
B
I
W
P
K
L
FCH0V683ZFTBR16
3.6
0.068
40
0.062
̶
6.8
3.7
6.8
6.8
2.9±0.5
0.7
2.5
0.7±0.3 0 +0.3
0.3
0.1
FCH0H433ZFTBR16
5.5
0.043
50
0.065
̶
6.8
5.0
6.8
6.8
2.9±0.5
0.7
2.5
0.7±0.3 0 +0.3
0.4
0.1
FCS Type
Part Number
Max.
Operating
Voltage
(Vdc)
Nominal
Capacitance
Discharge
system (F)
Max. ESR
(at 1kHz)
(Ω)
Max.
current at
30 minutes
(mA)
Voltage
Holding
Characteristic
Min. (V)
Dimension (Unit:mm)
Weight
(g)
DH
A
B
I
W
P
K
L
FCS0H473ZFTBR24
5.5
0.047
100
0.071
4.2
10.7
5.5
10.8
10.8 3.9±0.5
1.2
5.0
0.9±0.3 0 +0.3
1.0
0.1
FCS0H104ZFTBR24
5.5
0.10
50
0.15
4.2
10.7
5.5
10.8
10.8 3.9±0.5
1.2
5.0
0.9±0.3 0 +0.3
1.0
0.1
FCS0H224ZFTBR24
5.5
0.22
50
0.33
4.2
10.7
8.5
10.8
10.8 3.9±0.5
1.2
5.0
0.9±0.3 0 +0.3
1.4
0.1
FCS0V104ZFTBR24
3.5
0.10
100
0.09
̶
10.7
5.5
10.8
10.8 3.9±0.5
1.2
5.0
0.9±0.3 0 +0.3
1.0
0.1
FCS0V224ZFTBR24
3.5
0.22
50
0.20
̶
10.7
5.5
10.8
10.8 3.9±0.5
1.2
5.0
0.9±0.3 0 +0.3
1.0
0.1
FCS0V474ZFTBR24
3.5
0.47
50
0.42
̶
10.7
8.5
10.8
10.8 3.9±0.5
1.2
5.0
0.9±0.3 0 +0.3
1.4
0.1
D±0.5
B±0.2
A±0.2
Negative
terminal
Positive
terminal
W±0.1
H max.
L
K
II
P
473
5.5V
A1
Nominal
capacitance
MAX
operating voltage
Date code
Polarity
(negative)
FC 5.5V
474
A1-001
Nominal
capacitance
MAX
operating voltage
Serial number
Polarity
(negative)
Series name
Logo
N T
Date code
FC0H473ZFTBR24
FC0H104ZFTBR24
FC0H224ZFTBR24
FC0V104ZFTBR24
FC0V224ZFTBR24
FC0V474ZFTBR24
FCH0V683ZFTBR16
FCH0V433ZFTBR16
473
5.5V
A1 S
Nominal
capacitance
MAX
operating voltage
Date code
FCS Type
Polarity
(negative)
FCS0H473ZFTBR24
FCS0H104ZFTBR24
FCS0H224ZFTBR24
FCS0V104ZFTBR24
FCS0V224ZFTBR24
FCS0V474ZFTBR24
FC0H474ZFTBR32-SS
FC0H105ZFTBR44-SS
6. Rated Specifications
6.1 FC Series
Features
• Enables surface mounting.
• High rated voltage of 5.5V.
• High leakage reliability.
Dimensions


유사한 부품 번호 - FC0V474ZFTBR24

제조업체부품명데이터시트상세설명
logo
NEC
FC0V474ZFTBR24 NEC-FC0V474ZFTBR24 Datasheet
476Kb / 39P
   Super Capacitors
logo
Kemet Corporation
FC0V474ZFTBR24 KEMET-FC0V474ZFTBR24 Datasheet
785Kb / 16P
   Supercapacitors FC Series
More results

유사한 설명 - FC0V474ZFTBR24

제조업체부품명데이터시트상세설명
logo
Kingston Technology Far...
KVR32S22D8 KINGSTON-KVR32S22D8 Datasheet
139Kb / 2P
   Memory Module Specifi cations
KVR26S19S6 KINGSTON-KVR26S19S6 Datasheet
59Kb / 2P
   Memory Module Specifi cations
KVR29N21S6 KINGSTON-KVR29N21S6 Datasheet
144Kb / 2P
   Memory Module Specifi cations
KVR32N22S8 KINGSTON-KVR32N22S8 Datasheet
152Kb / 2P
   Memory Module Specifi cations
KVR26N19S6L KINGSTON-KVR26N19S6L Datasheet
124Kb / 2P
   Memory Module Specifi cations
KVR32N22D8 KINGSTON-KVR32N22D8 Datasheet
129Kb / 2P
   Memory Module Specifi cations
KVR32S22S8 KINGSTON-KVR32S22S8 Datasheet
134Kb / 2P
   Memory Module Specifi cations
KVR26N19S8 KINGSTON-KVR26N19S8 Datasheet
105Kb / 2P
   Memory Module Specifi cations
KVR29S21D8 KINGSTON-KVR29S21D8 Datasheet
139Kb / 2P
   Memory Module Specifi cations
KVR32N22S6 KINGSTON-KVR32N22S6 Datasheet
131Kb / 2P
   Memory Module Specifi cations
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com