전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L7885C 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 L7885C
상세설명  Positive voltage regulator ICs
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7885C 데이터시트(HTML) 1 Page - STMicroelectronics

  L7885C Datasheet HTML 1Page - STMicroelectronics L7885C Datasheet HTML 2Page - STMicroelectronics L7885C Datasheet HTML 3Page - STMicroelectronics L7885C Datasheet HTML 4Page - STMicroelectronics L7885C Datasheet HTML 5Page - STMicroelectronics L7885C Datasheet HTML 6Page - STMicroelectronics L7885C Datasheet HTML 7Page - STMicroelectronics L7885C Datasheet HTML 8Page - STMicroelectronics L7885C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
This is information on a product in full production.
September 2012
Doc ID 2143 Rev 30
1/57
57
L78xx, L78xxC
L78xxAB, L78xxAC
Positive voltage regulator ICs
Datasheet
production data
Features
Output current up to 1.5 A
Output voltages of 5; 6; 8; 8.5; 9; 12; 15; 18;
24 V
Thermal overload protection
Short circuit protection
Output transition SOA protection
2 % output voltage tolerance (A version)
Guaranteed in extended temperature range
(A version)
Description
The L78xx series of three-terminal positive
regulators is available in TO-220, TO-220FP, TO-
3, D²PAK and DPAK packages and several fixed
output voltages, making it useful in a wide range
of applications.
These regulators can provide local on-card
regulation, eliminating the distribution problems
associated with single point regulation. Each type
employs internal current limiting, thermal shut-
down and safe area protection, making it
essentially indestructible. If adequate heat sinking
is provided, they can deliver over 1 A output
current. Although designed primarily as fixed
voltage regulators, these devices can be used
with external components to obtain adjustable
voltage and currents.
TO-220FP
TO-3
TO-220
D²PAK
DPAK
Table 1.
Device summary
Part numbers
L7805
L7806AC
L7809AB
L7815AB
L7805C
L7808C
L7809AC
L7815AC
L7805AB
L7808AB
L7812C
L7818C
L7805AC
L7808AC
L7812AB
L7824C
L7806C
L7885C
L7812AC
L7824AB
L7806AB
L7809C
L7815C
L7824AC
www.st.com


유사한 부품 번호 - L7885C

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L7885C STMICROELECTRONICS-L7885C Datasheet
1Mb / 34P
   POSITIVE VOLTAGE REGULATORS
L7885C STMICROELECTRONICS-L7885C Datasheet
1Mb / 55P
   Positive voltage regulator ICs
Rev 36 - September 2018
L7885C STMICROELECTRONICS-L7885C Datasheet
1Mb / 52P
   Positive voltage regulators
L7885C STMICROELECTRONICS-L7885C Datasheet
1Mb / 47P
   Positive voltage regulators
August 2006
L7885C STMICROELECTRONICS-L7885C Datasheet
1Mb / 56P
   Positive voltage regulators
More results

유사한 설명 - L7885C

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
CD00000444 STMICROELECTRONICS-CD00000444 Datasheet
1Mb / 58P
   Positive voltage regulator ICs
March 2014 Rev 32
L7824CV-DG STMICROELECTRONICS-L7824CV-DG Datasheet
2Mb / 57P
   Positive voltage regulator ICs
L7815CV-DG STMICROELECTRONICS-L7815CV-DG Datasheet
1Mb / 57P
   Positive voltage regulator ICs
L7824ABD2T STMICROELECTRONICS-L7824ABD2T Datasheet
2Mb / 57P
   Positive voltage regulator ICs
March 2013 Rev 31
L7808ABV-DG STMICROELECTRONICS-L7808ABV-DG Datasheet
1Mb / 58P
   Positive voltage regulator ICs
March 2014 Rev 32
L7805CT STMICROELECTRONICS-L7805CT Datasheet
1Mb / 57P
   Positive voltage regulator ICs
L7805CT STMICROELECTRONICS-L7805CT Datasheet
1Mb / 57P
   Positive voltage regulator ICs
L78 STMICROELECTRONICS-L78_V01 Datasheet
1Mb / 55P
   Positive voltage regulator ICs
Rev 36 - September 2018
L7812ABV-DG STMICROELECTRONICS-L7812ABV-DG Datasheet
2Mb / 57P
   Positive voltage regulator ICs
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com