전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EL7300 데이터시트(PDF) 3 Page - Etron Technology, Inc.

부품명 EL7300
상세설명  highly integrated single chip solution for the Flat Panel Display applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETRON [Etron Technology, Inc.]
홈페이지  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EL7300 데이터시트(HTML) 3 Page - Etron Technology, Inc.

  EL7300 Datasheet HTML 1Page - Etron Technology, Inc. EL7300 Datasheet HTML 2Page - Etron Technology, Inc. EL7300 Datasheet HTML 3Page - Etron Technology, Inc. EL7300 Datasheet HTML 4Page - Etron Technology, Inc. EL7300 Datasheet HTML 5Page - Etron Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EL7300
Figure: El7300 System block diagram Application in dual interface
2
Video
Decoder
+
de-
interlacer
VD[23:0]
NTSC
R/G/B
H-sync/V-sync
Triple
ADC
PLL
PLL
PD[47:0]
PHS/PVS/PDE
PCLK0
PCLK1
MPU
Optional
External
OSD
AD[7:0]
Controls
CS
R/G/B
25 MHz
X'tal
X'tal_I
Latch
PHS/PVS
PCLK0
EL7300
Core
TFT
Panel
Host
I/F
OSD
Video
Decoder
+
de-
interlacer
VD[23:0]
NTSC
R/G/B
H-sync/V-sync
Triple
ADC
PLL
PLL
PD[47:0]
PHS/PVS/PDE
PCLK0
PCLK1
MPU
Optional
External
OSD
AD[7:0]
Controls
CS
R/G/B
25 MHz
X'tal
X'tal_I
Latch
PHS/PVS
PCLK0
EL7300
Core
TFT
Panel
Host
I/F
OSD
Applications
Digital/ Analog LCD Monitors
Digital/ Analog LCD Projectors
Other Flat Panel Display screens
LCD TVs


유사한 부품 번호 - EL7300

제조업체부품명데이터시트상세설명
logo
Etron Technology, Inc.
EL7301 ETRON-EL7301 Datasheet
906Kb / 5P
   single chip solution included a triple-channel ADC, two PLL circuits, one internal On Screen Display (OSD), sophisticated filter and the most advanced
EL7301Q-110 ETRON-EL7301Q-110 Datasheet
906Kb / 5P
   single chip solution included a triple-channel ADC, two PLL circuits, one internal On Screen Display (OSD), sophisticated filter and the most advanced
EL7301Q-140 ETRON-EL7301Q-140 Datasheet
906Kb / 5P
   single chip solution included a triple-channel ADC, two PLL circuits, one internal On Screen Display (OSD), sophisticated filter and the most advanced
EL7301Q-160 ETRON-EL7301Q-160 Datasheet
906Kb / 5P
   single chip solution included a triple-channel ADC, two PLL circuits, one internal On Screen Display (OSD), sophisticated filter and the most advanced
More results

유사한 설명 - EL7300

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MX88L284AEC ETC1-MX88L284AEC Datasheet
177Kb / 26P
   Highly integration chip for Flat Panel Display application
logo
Maxim Integrated Produc...
MAXM15466 MAXIM-MAXM15466 Datasheet
665Kb / 10P
   Highly Integrated Solution
Rev 0; 3/19
MAXM17624 MAXIM-MAXM17624 Datasheet
619Kb / 10P
   Highly Integrated Solution
Rev 0; 1/19
logo
NXP Semiconductors
MKW01Z128 NXP-MKW01Z128 Datasheet
1Mb / 67P
   Highly-integrated, cost-effective single-package solution for sub-1 GHz applications
Rev. 6, 04/2016
logo
Freescale Semiconductor...
MKW01Z128 FREESCALE-MKW01Z128 Datasheet
1Mb / 67P
   Highly-integrated, cost-effective single-package solution for sub-1 GHz applications
logo
RF Monolithics, Inc
TRC101 RFM-TRC101 Datasheet
505Kb / 33P
   highly integrated single chip
logo
NXP Semiconductors
MC12311 NXP-MC12311 Datasheet
737Kb / 40P
   Highly-integrated, cost-effective single-package solution for the sub-1 GHz, Wireless MBUS Standard
Rev. 1.0 11/2011
logo
Protech Systems Co., Lt...
POS-6510-PPC PROTECHSYSTEMS-POS-6510-PPC Datasheet
581Kb / 2P
   The Fanless Highly Integrated & Performance 15 Panel PC
POS-6510-MIT PROTECHSYSTEMS-POS-6510-MIT Datasheet
589Kb / 2P
   The Fanless Highly The Fanless Highly Panel PC
logo
Advantech Co., Ltd.
TREK-305R ADVANTECH-TREK-305R Datasheet
360Kb / 2P
   5.7 Display Solution for Vehicle Applications
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com