전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2456-FT 데이터시트(PDF) 7 Page - Silicon Laboratories

부품명 SI2456-FT
상세설명  V.90, V.34, V.32BIS ISOMODEM짰 CHIPSET WITH INTEGRATED GLOBAL DAA
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2456-FT 데이터시트(HTML) 7 Page - Silicon Laboratories

Back Button SI2456-FT Datasheet HTML 3Page - Silicon Laboratories SI2456-FT Datasheet HTML 4Page - Silicon Laboratories SI2456-FT Datasheet HTML 5Page - Silicon Laboratories SI2456-FT Datasheet HTML 6Page - Silicon Laboratories SI2456-FT Datasheet HTML 7Page - Silicon Laboratories SI2456-FT Datasheet HTML 8Page - Silicon Laboratories SI2456-FT Datasheet HTML 9Page - Silicon Laboratories SI2456-FT Datasheet HTML 10Page - Silicon Laboratories SI2456-FT Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
Si2456/33/14
Rev. 1.2
7
Table 4. DAA AC Characteristics
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C for K-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Sample Rate
Fs
9.6
kHz
Crystal Oscillator Frequency
FXTL
—4.9152
MHz
Transmit Frequency Response
Low –3 dBFS Corner
5
Hz
Receive Frequency Response
Low –3 dBFS Corner
5
Hz
Transmit Full Scale Level1
VFS
—1
VPEAK
Receive Full Scale Level1
VFS
—1
VPEAK
Dynamic Range2,3,4
DR
ACT5 = 0, DCT5 = 10 (FCC)
IL=100 mA
—82
dB
Dynamic Range2,3,6
DR
ACT = 0, DCT = 01 (Japan)
IL =20mA
—83
dB
Dynamic Range2,3,4
DR
ACT = 1, DCT = 11(CTR21)
IL =60mA
—84
dB
Transmit Total Harmonic
Distortion4,7
THD
ACT = 0, DCT = 10 (FCC)
IL =100 mA
—–85
dB
Transmit Total Harmonic
Distortion5,7
THD
ACT = 0, DCT = 01 (Japan)
IL =20mA
—–76
dB
Receive Total Harmonic
Distortion6,7
THD
ACT = 0, DCT = 01 (Japan)
IL =20mA
—–74
dB
Receive Total Harmonic
Distortion4,7
THD
ACT = 1, DCT = 11 (CTR21)
IL =60mA
—–82
dB
AOUT Dynamic Range
VIN = 1 kHz
40
dB
AOUT THD
VIN = 1 kHz
40
dB
AOUT Full-Scale Level
0.7VDD
—VPP
AOUT Mute Level
60
dB
Notes:
1. Measured at TIP and RING with 600
Ω termination at 1 kHz.
2. DR
= 20 x log |Vin| + 20 x log (RMS signal/RMS noise).
3. Measurement is 300 to 3400 Hz. Applies to transmit and receive paths.
4. Vin
= 1 kHz, –3 dBFS, Fs = 10300 Hz.
5. ACT
= U67, bit 5; DCT = U67, bits 3:2.
6. Vin
= 1 kHz, –6 dBFS, Fs = 10300 Hz.
7. THD
= 20 x log (RMS distortion/RMS signal).


유사한 부품 번호 - SI2456-FT

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI2456 SILABS-SI2456 Datasheet
1Mb / 86P
   V.90, V.34, V.32BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
logo
List of Unclassifed Man...
SI2456 ETC2-SI2456 Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM CHIPSET WITH INTEGRATED GLOBAL DAA
More results

유사한 설명 - SI2456-FT

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI2433-FT ETC2-SI2433-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM CHIPSET WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2456 SILABS-SI2456 Datasheet
1Mb / 86P
   V.90, V.34, V.32BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2457 SKYWORKS-SI2457 Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
logo
Silicon Laboratories
SI2400 SILABS-SI2400 Datasheet
1Mb / 94P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
SI2401 SILABS-SI2401 Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
SI2494 SILABS-SI2494 Datasheet
449Kb / 70P
   V.92 AND V.34 ISOMODEM WITH GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2494 SKYWORKS-SI2494 Datasheet
1Mb / 70P
   V.92 AND V.34 ISOMODEM® WITH GLOBAL DAA
Rev. 1.0
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com