전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3993DV 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI3993DV
상세설명  Dual P-Channel 30-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3993DV 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI3993DV Datasheet HTML 1Page - Vishay Siliconix SI3993DV Datasheet HTML 2Page - Vishay Siliconix SI3993DV Datasheet HTML 3Page - Vishay Siliconix SI3993DV Datasheet HTML 4Page - Vishay Siliconix SI3993DV Datasheet HTML 5Page - Vishay Siliconix SI3993DV Datasheet HTML 6Page - Vishay Siliconix SI3993DV Datasheet HTML 7Page - Vishay Siliconix SI3993DV Datasheet HTML 8Page - Vishay Siliconix SI3993DV Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 72320
S09-2275-Rev. C, 02-Nov-09
Vishay Siliconix
Si3993DV
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 1
- 3
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 30 V, VGS = 0 V
- 1
µA
VDS = - 30 V, VGS = 0 V, TJ = 55 °C
- 5
On-State Drain Currenta
ID(on)
VDS ≤ - 5 V, VGS = - 10 V
- 5
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V, ID = - 2.2 A
0.107
0.133
Ω
VGS = - 4.5 V, ID = - 1.6 A
0.194
0.245
Forward Transconductancea
gfs
VDS = - 5 V, ID = - 2.2 A
4S
Diode Forward Voltagea
VSD
IS = - 1.05 A, VGS = 0 V
- 0.82
- 1.10
V
Dynamicb
Total Gate Charge
Qg
VDS = - 15 V, VGS = - 4.5 V, ID = - 2.2 A
3.1
5
nC
Gate-Source Charge
Qgs
1.0
Gate-Drain Charge
Qgd
1.6
Turn-On Delay Time
td(on)
VDD = - 15 V, RL = 15 Ω
ID ≅ - 1 A, VGEN = - 10 V, Rg = 6 Ω
10
15
ns
Rise Time
tr
16
25
Turn-Off Delay Time
td(off)
17
25
Fall Time
tf
12
20
Source-Drain Reverse Recovery Time
trr
IF = - 1.05 A, dI/dt = 100 A/µs
18
30
Output Characteristics
0
1
2
3
4
5
6
7
8
012345
VDS - Drain-to-Source Voltage (V)
VGS = 10 V thru 5 V
4 V
3 V
Transfer Characteristics
0
1
2
3
4
5
6
7
8
012345
VGS - Gate-to-Source Voltage (V)
TC = - 55 °C
125 °C
25 °C


유사한 부품 번호 - SI3993DV

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3993DV VISHAY-SI3993DV Datasheet
209Kb / 10P
   Dual P-Channel 30-V (D-S) MOSFET
08-Feb-17
logo
VBsemi Electronics Co.,...
SI3993DV-T1-E3 VBSEMI-SI3993DV-T1-E3 Datasheet
520Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
SI3993DV-T1-GE3 VBSEMI-SI3993DV-T1-GE3 Datasheet
519Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI3993DV VISHAY-SI3993DV_V01 Datasheet
209Kb / 10P
   Dual P-Channel 30-V (D-S) MOSFET
08-Feb-17
More results

유사한 설명 - SI3993DV

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4953DY VISHAY-SI4953DY Datasheet
43Kb / 4P
   Dual P-Channel 30-V(D-S) MOSFET
Rev. E, 18-Aug-03
SIA931DJ VISHAY-SIA931DJ Datasheet
277Kb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. A, 13-May-13
SI7997DP VISHAY-SI7997DP Datasheet
482Kb / 13P
   Dual P-Channel 30 V (D-S) MOSFET
Rev. A, 09-Aug-10
logo
Anachip Corp
AF4935 ANACHIP-AF4935 Datasheet
149Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4927DY VISHAY-SI4927DY Datasheet
271Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI7941DP VISHAY-SI7941DP Datasheet
274Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
31-May-04
SI7921DN VISHAY-SI7921DN Datasheet
186Kb / 5P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 27-Jun-05
logo
Guangdong Kexin Industr...
KI4923DY KEXIN-KI4923DY Datasheet
51Kb / 2P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7945DP VISHAY-SI7945DP_06 Datasheet
207Kb / 4P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 27-Feb-06
logo
Guangdong Kexin Industr...
KI4953DY KEXIN-KI4953DY Datasheet
50Kb / 2P
   Dual P-Channel 30-V(D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com