전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP4050 데이터시트(PDF) 2 Page - Filtronic Compound Semiconductors

부품명 FP4050
상세설명  2-WATT POWER PHEMT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FILTRONIC [Filtronic Compound Semiconductors]
홈페이지  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FP4050 데이터시트(HTML) 2 Page - Filtronic Compound Semiconductors

  FP4050 Datasheet HTML 1Page - Filtronic Compound Semiconductors FP4050 Datasheet HTML 2Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRELIMINARY DATA SHEET
FP4050
2-WATT POWER PHEMT
Phone: (408) 988-1845
http:// www.filtronicsolidstate.com
Revised: 10/04/00
Fax: (408) 970-9950
• RECOMMENDED CONTINUOUS OPERATING LIMITS
Parameter
Symbol
Nominal
Units
Drain-Source Voltage
VDS
8
V
Gate-Source Voltage
VGS
-1.0
V
Drain-Source Current
IDS
500
mA
RF Input Power
PIN
800
mW
Channel Operating Temperature
TCH
150
°C
Ambient Temperature
TSTG
-20/50
°C
Note:
Device should be operated at or below Recommended Continuous Operating Limits for reliable performance.
• ABSOLUTE RATINGS
Parameter
Symbol
Test Conditions
Min
Max
Units
Drain-Source Voltage
VDS
TAmbient = 22 ± 3 °C
10
V
Gate-Source Voltage
VGS
TAmbient = 22 ± 3 °C
-5
V
Drain-Source Current
IDS
TAmbient = 22 ± 3 °C
800
mA
Gate Current
IG
TAmbient = 22 ± 3 °C
180
mA
RF Input Power
PIN
TAmbient = 22 ± 3 °C
TBD
mW
Channel Operating Temperature
TCH
TAmbient = 22 ± 3 °C
175
ºC
Storage Temperature
TSTG
-65
175
ºC
Note:
Even temporary operating conditions that exceed the Absolute Maximum Ratings could result in permanent damage to the
device.
• HANDLING PRECAUTIONS
To avoid damage to the devices care should be exercised during handling. Proper Electrostatic
Discharge (ESD) precautions should be observed at all stages of storage, handling, assembly, and
testing. These devices should be treated as Class 1A (0-500 V). Further information on ESD control
measures can be found in MIL-STD-1686 and MIL-HDBK-263.
All information and specifications are subject to change without notice.


유사한 부품 번호 - FP4050

제조업체부품명데이터시트상세설명
logo
TRIAD MAGNETICS
FP40-1200 TRIAD-FP40-1200 Datasheet
97Kb / 1P
   PC Mount: Flat Pack
FP40-150 TRIAD-FP40-150 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP40-300 TRIAD-FP40-300 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP40-60 TRIAD-FP40-60 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP40-600 TRIAD-FP40-600 Datasheet
53Kb / 1P
   PC MOUNT : SPLIT PACK
More results

유사한 설명 - FP4050

제조업체부품명데이터시트상세설명
logo
Analog Devices
HMC591LP5 AD-HMC591LP5 Datasheet
408Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
HMC6981LS6 AD-HMC6981LS6 Datasheet
861Kb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC952 HITTITE-HMC952 Datasheet
785Kb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Analog Devices
HMC591 AD-HMC591 Datasheet
414Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
HMC998APM5E AD-HMC998APM5E Datasheet
1Mb / 14P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC1029 HITTITE-HMC1029 Datasheet
1Mb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Analog Devices
HMC906A AD-HMC906A Datasheet
594Kb / 12P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC487 AD-HMC487 Datasheet
1Mb / 6P
   SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER
HMC998A AD-HMC998A Datasheet
1,009Kb / 16P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC7357LP5GE AD-HMC7357LP5GE Datasheet
659Kb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com