전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4933G 데이터시트(PDF) 1 Page - Continental Device India Limited

부품명 1N4933G
상세설명  FAST RECOVERY RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CDIL [Continental Device India Limited]
홈페이지  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

1N4933G 데이터시트(HTML) 1 Page - Continental Device India Limited

  1N4933G Datasheet HTML 1Page - Continental Device India Limited 1N4933G Datasheet HTML 2Page - Continental Device India Limited 1N4933G Datasheet HTML 3Page - Continental Device India Limited 1N4933G Datasheet HTML 4Page - Continental Device India Limited 1N4933G Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FAST RECOVERY RECTIFIERS
1N4933G - 1N4937G
DO-41 (Plastic)
Axial Lead Plastic
Package
High Surge Current Capability and Fast Switching for High Efficiency
Maximum Rating and Electrical Characteristics
Ratings at Ta = 25
oC ambient temperature unless specified otherwise. Single phase, half wave, 60Hz,
resistive or inductive load. For capacitive load, derate current by 20%
SYMBOL
1N4934G 1N4935G 1N4936G 1N4937G
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
100
200
400
600
V
VRMS
70
140
280
420
V
VDC
100
200
400
600
V
I (AV)
A
IFSM
A
VF
V
Maximum Reverse Current Ta=25
oC
µA
at Rated DC Blocking Voltage
Ta=100
oC
µA
*CJ
pF
**Rth (j-a)
ºC/W
***TRR
ns
Tj, Tstg
ºC
* Measured at 1MHz and Applied Reverse Voltage of 4.0V
** Thermal Resistance from Junction to Ambient 0.375" (9.5mm) Lead Length PCB Mounted
*** Reverse Recovery Test Conditions : IF=1A, VR=30V
1N4933G_4937G Rev280505E
Maximum Average Forward Rectified 0.375"
(9.5mm) Lead Length at Ta=55ºC
DESCRIPTION
50
Maximum RMS Voltage
Maximum DC Blocking Voltage
50
1N4933G
1.0
35
30
Operating and Storage Junction
Temperature Range
- 55 to +150
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Maximum Forward Voltage at 1A DC
IR
Typical Junction Capacitance
Maximum Reverse Recovery Time
1.2
5.0
500
12
50
200
Typical Thermal Resistance Junction to
Ambient
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


유사한 부품 번호 - 1N4933G

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
1N4933G RECTRON-1N4933G Datasheet
28Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Rugao Dachang Electroni...
1N4933G DACHANG-1N4933G Datasheet
120Kb / 2P
   Plastic Fast Recover Rectifier
logo
Microdiode Electronics ...
1N4933G CHENDA-1N4933G Datasheet
643Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Won-Top Electronics
1N4933G WTE-1N4933G Datasheet
54Kb / 4P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Shanghai Shunye Electro...
1N4933G SY-1N4933G Datasheet
1,021Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results

유사한 설명 - 1N4933G

제조업체부품명데이터시트상세설명
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com