전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UF2820R 데이터시트(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

부품명 UF2820R
상세설명  RF Power MOSFET Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

UF2820R 데이터시트(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  UF2820R Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. UF2820R Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. UF2820R Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
RF Power MOSFET Transistor
20W, 100-500 MHz, 28V
M/A-COM Products
Released; RoHS Compliant
UF2820R
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Broadband Performance Curves
EFFICIENCY VS FREQUENCY
VDD=200 V IDD =100 mA POUT =20 W
200
400
FREQUENCY (MHz)
70
65
60
55
50
300
100
500
POWER OUTPUT VS POWER INPUT
VDD =28 V IDQ =100 mA
POWER INPUT (W)
200MHz
100M
25
20
15
10
300MHz
GAIN VS FREQUENCY
VDD =28 V IDQ=100 mA POUT =20 W
200
400
FREQUENCY (MHz)
300
500
100
POWER OUTPUT VS POWER INPUT
VDD =28 V IDQ =100 mA
0.3
POWER INPUT (W)
400MHz
600MHz
25
20
15
10
5
0
0.2
2.0
1.5
0.5
0.1
500MHz
1.0
NOISE FIGURE VS FREQUENCY
VDD =28 V IDQ =100 mA
200
400
FREQUENCY (MHz)
300
500
100
25
20
15
10
5
0
0.3
0.2
2.0
1.5
0.5
0.1
1.0
1.4
1.2
1
0.8
0.6


유사한 부품 번호 - UF2820R

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
UF2820R MACOM-UF2820R Datasheet
193Kb / 3P
   RF MOSFET Power Transistor, 2OW, 28V 100 - 500 MHz
logo
M/A-COM Technology Solu...
UF2820R MA-COM-UF2820R Datasheet
221Kb / 3P
   RF Power MOSFET Transistor 20W, 100-500 MHz, 28V
UF2820R MA-COM-UF2820R_15 Datasheet
221Kb / 3P
   RF Power MOSFET Transistor
UF2820R MA-COM-UF2820R_17 Datasheet
643Kb / 4P
   RF Power MOSFET Transistor
More results

유사한 설명 - UF2820R

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
DU28200M MA-COM-DU28200M Datasheet
156Kb / 3P
   RF Power MOSFET Transistor
DU2840S MA-COM-DU2840S Datasheet
164Kb / 3P
   RF Power MOSFET Transistor
DU2860U MA-COM-DU2860U Datasheet
149Kb / 3P
   RF Power MOSFET Transistor
UF28100H MA-COM-UF28100H Datasheet
235Kb / 3P
   RF Power MOSFET Transistor
UF2805B-20 MA-COM-UF2805B-20 Datasheet
213Kb / 3P
   RF Power MOSFET Transistor
UF2840G MA-COM-UF2840G_17 Datasheet
663Kb / 4P
   RF Power MOSFET Transistor
UF28150J MA-COM-UF28150J_17 Datasheet
731Kb / 4P
   RF Power MOSFET Transistor
UF2820P MA-COM-UF2820P_17 Datasheet
620Kb / 4P
   RF Power MOSFET Transistor
UF2820R MA-COM-UF2820R_17 Datasheet
643Kb / 4P
   RF Power MOSFET Transistor
LF2805A MA-COM-LF2805A Datasheet
143Kb / 3P
   RF Power MOSFET Transistor
DU2860T MA-COM-DU2860T Datasheet
161Kb / 3P
   RF Power MOSFET Transistor
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com