전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL3TTEDR243F 데이터시트(PDF) 2 Page - KOA Speer Electronics, Inc.

부품명 SL3TTEDR243F
상세설명  surface mount molded current sense resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KOA [KOA Speer Electronics, Inc.]
홈페이지  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SL3TTEDR243F 데이터시트(HTML) 2 Page - KOA Speer Electronics, Inc.

  SL3TTEDR243F Datasheet HTML 1Page - KOA Speer Electronics, Inc. SL3TTEDR243F Datasheet HTML 2Page - KOA Speer Electronics, Inc. SL3TTEDR243F Datasheet HTML 3Page - KOA Speer Electronics, Inc. SL3TTEDR243F Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
52
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
6/9/14
SL, SLN, TSL
surface mount molded current sense resistors
Absolute
Maximum
Working
Voltage
Resistance
Tolerance
E-24*
Resistance
Range
Part
Designation
Absolute
Maximum
Overload
Voltage
Operating
Temperature
Range
Power
Rating
T.C.R.
(ppm/°C)
Max.***
applications and ratings
SL2
TSL1
2W
1W
500V
1000V
-55°C to +180°C
±180: R=<10mΩ
±100: R=>11mΩ
±180: R=<13mΩ
±100: R=>15mΩ
SL3
3W
5mΩ - 100mΩ
5mΩ - 100mΩ
±180: R=<10mΩ
±100: R=>11mΩ
3mΩ - 22MΩ
(G: ±2%)
5mΩ ~ 1MΩ
3mΩ, 4mΩ
(F: ±1%)
(J: ±5%)
5mΩ - 200mΩ
(D: ±0.5%)
––
––
––
––
10mΩ - 100mΩ
* 3m, 4m, 5m, 6m, 7m, 8m, 9m also available inside resistance range
** SLZ1: Current rating: 44A
*** Please contact factory for T.C.R.: ±50ppm/°C and ±75ppm/°C
(D: ±0.5%)
10mΩ - 100mΩ
(D: ±0.5%)
(J: ±5%)
(F: ±1%)
5mΩ - 100mΩ
5mΩ - 100mΩ
(J: ±5%)
(F: ±1%)
SLN2
2W
5mΩ - 200mΩ
±110: R<10mΩ
±75: R=>10mΩ
(D: ±0.5%)
(F: ±1%)
(G: ±2%)
(J: ±5%)
––
––
SLN3
3W
5mΩ - 110mΩ
±110: R<10mΩ
±75: R=>10mΩ
(D: ±0.5%)
(F: ±1%)
(G: ±2%)
(J: ±5%)
––
––
SLZ1**
––
0.5mΩ Max.
4000 Max.
––
––
––
SL1
1W
200V
400V
±180: R=<13mΩ
±100: R=>15mΩ
5mΩ - 1MΩ
(G: ±2%)
3mΩ ~ 22MΩ
3mΩ, 4mΩ
(J: ±5%)
(F: ±1%)
10mΩ - 1MΩ
(D: ±0.5%)
SL07
0.75W
––
––
0~200: R=<10mΩ
0~150: R=>11mΩ
5mΩ - 100mΩ
(J: ±5%)
(F: ±1%)
SLW07
1W
––
––
0~200: R=<10mΩ
0~150: R=>11mΩ
5mΩ - 100mΩ
SLW1
1.5W
––
––
±180: R=<13mΩ
±100: R=>15mΩ
5mΩ - 100mΩ
(G: ±2%)
3mΩ ~ 100mΩ
3mΩ, 4mΩ
(J: ±5%)
(F: ±1%)
10mΩ - 100mΩ
(D: ±0.5%)
(J: ±5%)
(F: ±1%)


유사한 부품 번호 - SL3TTEDR243F

제조업체부품명데이터시트상세설명
logo
KOA Speer Electronics, ...
SL3TTED20L0D KOA-SL3TTED20L0D Datasheet
177Kb / 6P
   Current Sensing Chip Resistors
SL3TTED20L0F KOA-SL3TTED20L0F Datasheet
177Kb / 6P
   Current Sensing Chip Resistors
SL3TTED20L0G KOA-SL3TTED20L0G Datasheet
177Kb / 6P
   Current Sensing Chip Resistors
SL3TTED20L0J KOA-SL3TTED20L0J Datasheet
177Kb / 6P
   Current Sensing Chip Resistors
More results

유사한 설명 - SL3TTEDR243F

제조업체부품명데이터시트상세설명
logo
KOA Speer Electronics, ...
SL1TTE20L0F KOA-SL1TTE20L0F Datasheet
284Kb / 2P
   surface mount molded current sense resistors
SL1TTE13L0F KOA-SL1TTE13L0F Datasheet
281Kb / 2P
   Surface mount molded current sense resistors
SLW07 KOA-SLW07 Datasheet
575Kb / 2P
   surface mount molded current sense resistors
SL1TTE51L0F KOA-SL1TTE51L0F Datasheet
327Kb / 3P
   surface mount molded current sense resistors
SL1TTE KOA-SL1TTE Datasheet
102Kb / 2P
   surface mount molded current sense resistors
TSL KOA-TSL Datasheet
453Kb / 3P
   surface mount molded current sense resistors
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
KOA Speer Electronics, ...
NPR1TTE KOA-NPR1TTE Datasheet
98Kb / 2P
   surface mount molded current sense resistor
NPR1TTE100J KOA-NPR1TTE100J Datasheet
257Kb / 2P
   surface mount molded current sense resistor
logo
List of Unclassifed Man...
ULR3-R001FT2 ETC2-ULR3-R001FT2 Datasheet
390Kb / 4P
   Metal Strip Current Sense Resistors Surface Mount
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com