전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM4T17 데이터시트(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

부품명 SM4T17
상세설명  Load Insensitive Mixer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SM4T17 데이터시트(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SM4T17 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SM4T17 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Load Insensitive Mixer
Rev. V3
SM4T17
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Absolute Maximum Ratings
Parameter
Absolute Maximum
Operating Temperature
-54ºC to +100ºC
Storage Temperature
-65ºC to +100ºC
Peak Input Power
+27 dBm max @ +25ºC
+23 dBm max @ +100ºC
Peak Input Current
50 mA DC
Outline Drawing: Surface Mount
*
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.
Weight: 2 grams (0.07 oz.) max.


유사한 부품 번호 - SM4T17

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
SM4T17 MACOM-SM4T17 Datasheet
198Kb / 2P
   Load Insensitive Mixer
logo
M/A-COM Technology Solu...
SM4T17 MA-COM-SM4T17 Datasheet
59Kb / 2P
   Load Insensitive Mixer
logo
SUNMATE electronic Co.,...
SM4T170 SUNMATE-SM4T170 Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T170 SUNMATE-SM4T170 Datasheet
651Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T170 SUNMATE-SM4T170 Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

유사한 설명 - SM4T17

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
SM4T MA-COM-SM4T Datasheet
158Kb / 3P
   Load Insensitive Mixer
logo
Tyco Electronics
M4TH MACOM-M4TH Datasheet
290Kb / 3P
   Load Insensitive Mixer
logo
M/A-COM Technology Solu...
M4TH MA-COM-M4TH Datasheet
524Kb / 2P
   Load Insensitive Mixer
M4TH MA-COM-M4TH Datasheet
524Kb / 2P
   Load Insensitive Mixer
M4T MA-COM-M4T Datasheet
529Kb / 3P
   Load Insensitive Mixer
SM4TH MA-COM-SM4TH_15 Datasheet
472Kb / 3P
   Load Insensitive Mixer
SM4TH MA-COM-SM4TH Datasheet
67Kb / 2P
   Load Insensitive Mixer
SM4TH MA-COM-SM4TH Datasheet
67Kb / 2P
   Load Insensitive Mixer
logo
Tyco Electronics
M8TH MACOM-M8TH Datasheet
329Kb / 3P
   Load Insensitive Mixer
M4T MACOM-M4T Datasheet
230Kb / 3P
   Load Insensitive Mixer
M8T MACOM-M8T Datasheet
327Kb / 3P
   Load Insensitive Mixer
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com