전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5820 데이터시트(PDF) 2 Page - Formosa MS

부품명 1N5820
상세설명  3.0 AMP SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FORMOSA [Formosa MS]
홈페이지  http://www.formosams.com
Logo FORMOSA - Formosa MS

1N5820 데이터시트(HTML) 2 Page - Formosa MS

  1N5820 Datasheet HTML 1Page - Formosa MS 1N5820 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
01234516
789

9



9


9


9
9

9
!9
9






9
!9
9


"9





9

#

9
$9

9

%9
9
9

89

9
&
9
9
'

9

$

&9
&


()
$%*+$,-.//0
112
3456678:;<:7=>7?@ABC<@DEFB=6GBBH@GACIB8JKLMNOP;<J
3
3
3
3
3
3
3
3
Q1RS2TU
R2VX232
3
3YZ(  9+[$1/,7+
3Z789  ! ()$%*+$1/1
(
1/2

3\ 9ZY !
3(9\99Z7
3]9Z789&,,/&
^8Z#-_$`/

&

a2Rb2c1d43V
U
T1
\1
fg
hiijU
2Vk12X1XlRSd33bmn255U
15
o1R3U
pU
156qrhsqths
0d5ud62Ql
vwxyrhz{o|vwxyrr
+9
&9
9
9
}
&9
9
&

~
+[$
1/,7+
,
/}
1.
_~
()

,
/}
1.
_~
()


€.}
-
.~

12.}

1~

/.1}
,
€~

/_2}
,
1~
+)
7

11/}
.
‚~

,-}
.
/~
+)
7
+&)
+
)
+
ƒ9
+
ƒ9
9

\
„…†‡ˆ
ˆ
‰ŠŒŽŽ
Ž‘…ˆ

’

Ž
“,ƒ
9

9
”


“1ƒ(%


“€Y
9



“_(89
&&


•)–€
/7
—
\7ƒ7(^*^ƒ
Y[+)
*)
[%
—
9

9

—
ƒ
*& 9


+9
'

9
9


%—9

1
2
€&9


9
$9
&

}˜^+^Y&
~
%&! ()
 *™\ (7š #)
*
)
[
)
—%(
)
ƒ
Y
˜
7
7
&7
[Y0
]
€
/
2/
/
.
./
[
` – `
* – 1.Y
ƒ
ƒƒ(
˜
[
` – `
* – ,//Y
ƒ
ƒƒ(
˜
˜
9

&!9

,,/
,/
ƒ
›˜7
,.21/
,.21,
,.211
,_
1,
12
1/
€/
_/
%™(œ[%
`
ƒƒ(
}`~
`
ƒ(%
`
ƒ
}`~
}`~
“,
“1
“€
`
—
}`~
“_
$..
,1.
1/
€/
_/
%

&


–,( ž
9
_`+Y


*
%*"
[Y
,.
$‚.
[
}Y~
[
9


&

*
˜
/
.//
/
_.
/
.1.


Z
0
0


&&
&0
*^Z
22‚$1$11‚-‚‚‚,
—7šZ
22‚$1$11‚-‚,_,
+%$111‚_2
1//20
/10
,/
1/,,0
/_0
1/
œ
‚
Q2jU
u4u 523U
Tc62TXŸV
1R35U
R2V S252R315U
63U
R6}7**–1.
7
Y 

9

~
深圳FMS
Kinter
131
6803
0058


유사한 부품 번호 - 1N5820

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
1N5820 TSC-1N5820 Datasheet
63Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
1N5820 PACELEADER-1N5820 Datasheet
467Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Motorola, Inc
1N5820 MOTOROLA-1N5820 Datasheet
168Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
logo
New Jersey Semi-Conduct...
1N5820 NJSEMI-1N5820 Datasheet
128Kb / 1P
   SCHOTTKY BARRIER RECTIFIERS
logo
Bytes
1N5820 BYTES-1N5820 Datasheet
151Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

유사한 설명 - 1N5820

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SM3200B SECOS-SM3200B_11 Datasheet
102Kb / 2P
   3.0 Amp Schottky Barrier Rectifiers
logo
Formosa MS
SR320P FORMOSA-SR320P Datasheet
62Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SR3200 SECOS-SR3200_05 Datasheet
147Kb / 2P
   3.0 Amp Schottky Barrier Rectifiers
logo
First Components Intern...
SMC320 FCI-SMC320 Datasheet
127Kb / 2P
   3.0 Amp SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM3200B SECOS-SM3200B_15 Datasheet
89Kb / 2P
   3.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SR3100.VF0.751 DGNJDZ-SR3100.VF0.751 Datasheet
239Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3100-3A-751-DO-27 DGNJDZ-SR3100-3A-751-DO-27 Datasheet
273Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3100-3A-DO-27 DGNJDZ-SR3100-3A-DO-27 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3200V-3A-DO-27 DGNJDZ-SR3200V-3A-DO-27 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR360-3A-DO-27 DGNJDZ-SR360-3A-DO-27 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
1N5820U DYELEC-1N5820U Datasheet
708Kb / 2P
   3.0 AMP. Schottky Barrier Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com