전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQD10N20L 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FQD10N20L
상세설명  N-Channel QFET짰 MOSFET 200 V, 7.6 A, 360 m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD10N20L 데이터시트(HTML) 7 Page - Fairchild Semiconductor

  FQD10N20L Datasheet HTML 1Page - Fairchild Semiconductor FQD10N20L Datasheet HTML 2Page - Fairchild Semiconductor FQD10N20L Datasheet HTML 3Page - Fairchild Semiconductor FQD10N20L Datasheet HTML 4Page - Fairchild Semiconductor FQD10N20L Datasheet HTML 5Page - Fairchild Semiconductor FQD10N20L Datasheet HTML 6Page - Fairchild Semiconductor FQD10N20L Datasheet HTML 7Page - Fairchild Semiconductor FQD10N20L Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
©2000 Fairchild Semiconductor Corporation
FQD10N20L Rev. C1
www.fairchildsemi.com
7
Mechanical Dimensions
Figure
16. TO-252 (D-PAK), Molded, 3-Lead, Jedec TO-252 VAR. AB, Surface Mount
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specif-
ically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/package/packageDetails.html?id=PN_TO252-003


유사한 부품 번호 - FQD10N20L

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQD10N20L FAIRCHILD-FQD10N20L Datasheet
576Kb / 9P
   200V LOGIC N-Channel MOSFET
FQD10N20L FAIRCHILD-FQD10N20L Datasheet
937Kb / 9P
   N-Channel QFET MOSFET
FQD10N20L FAIRCHILD-FQD10N20L Datasheet
765Kb / 8P
   N-Channel QFET MOSFET 200 V, 7.6 A, 360 m
logo
VBsemi Electronics Co.,...
FQD10N20L VBSEMI-FQD10N20L Datasheet
1,010Kb / 7P
   N-Channel 200 V (D-S) MOSFET
logo
Fairchild Semiconductor
FQD10N20LTF FAIRCHILD-FQD10N20LTF Datasheet
765Kb / 8P
   N-Channel QFET MOSFET 200 V, 7.6 A, 360 m
More results

유사한 설명 - FQD10N20L

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQD10N20LTF FAIRCHILD-FQD10N20LTF Datasheet
765Kb / 8P
   N-Channel QFET MOSFET 200 V, 7.6 A, 360 m
logo
Kersemi Electronic Co.,...
KSMU10N20C KERSEMI-KSMU10N20C Datasheet
2Mb / 6P
   N-Channel MOSFET 200 V, 7.8 A, 360 m廓
logo
Fairchild Semiconductor
FQB19N20LTM FAIRCHILD-FQB19N20LTM Datasheet
868Kb / 8P
   N-Channel QFET짰 MOSFET 200 V, 21 A, 140 m廓
FQU12N20TU FAIRCHILD-FQU12N20TU Datasheet
862Kb / 9P
   N-Channel QFET짰 MOSFET 200 V, 9 A, 280 m廓
FQT4N20LTF FAIRCHILD-FQT4N20LTF Datasheet
2Mb / 8P
   N-Channel QFET짰 MOSFET 200 V, 0.85 A, 1.40 廓
logo
Kersemi Electronic Co.,...
KSMD10N20C KERSEMI-KSMD10N20C Datasheet
2Mb / 6P
   N-Channel MOSFET 200 V, 7.8 A, 360 m
KEMD10N20C KERSEMI-KEMD10N20C Datasheet
2Mb / 6P
   N-Channel MOSFET 200 V, 7.8 A, 360 m
logo
Fairchild Semiconductor
FQB11N40CTM FAIRCHILD-FQB11N40CTM Datasheet
977Kb / 8P
   N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
FQB9N50CTM FAIRCHILD-FQB9N50CTM Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 500 V, 9 A, 800 m廓
FQD17P06TF FAIRCHILD-FQD17P06TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com