전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQPF8N60CT 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FQPF8N60CT
상세설명  N-Channel QFET짰 MOSFET 600 V, 7.5 A, 1.2
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF8N60CT 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FQPF8N60CT Datasheet HTML 1Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 2Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 3Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 4Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 5Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 6Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 7Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2004 Fairchild Semiconductor Corporation
FQPF8N60C Rev. C0
www.fairchildsemi.com
3
 !  
0
5
10
15
20
25
30
0
2
4
6
8
10
12
V
DS = 300V
V
DS = 120V
V
DS = 480V
Note : I
D = 8A
Q
G, Total Gate Charge [nC]
2
0.
0.40.60.8
0
1.
1.21.4
10
-1
10
0
10
1
150℃
Notes :
1. V
GS = 0V
2. 250µs Pulse Test
25℃
V
SD, Source-Drain voltage [V]
0
5
10
15
20
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V
GS = 20V
V
GS = 10V
Note : T
J = 25
I
D, Drain Current [A]
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics
10
-1
0
10
1
10
-1
10
0
10
1
V
GS
Top:
15.0 V
10.0V
8.0V
7.0V
6.5V
6.0V
5.5V
Bottom::
.0 V
Notes :
1. 250µs PulseTest
2. T
C = 25℃
10
V
DS, Drain-Source Voltage [V]
22
8
10
10
-1
10
0
10
1
150
oC
25
oC
-55
oC
Notes :
1. V
DS = 40V
2. 250µs Pulse Test
4
V
GS, Gate-Source Voltage [V]
10
-1
0
10
1
0
200
400
600
800
1000
1200
1400
1600
1800
2000
C
iss = C + C (Cds = shorted)
C
C
rs
os
s
s = C
gs
ds + C
gd
gd
= C
gd
Notes ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
10
V
DS, Drain-Source Voltage [V]
6


유사한 부품 번호 - FQPF8N60CT

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQPF8N60C FAIRCHILD-FQPF8N60C Datasheet
927Kb / 10P
   600V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
FQPF8N60C KERSEMI-FQPF8N60C Datasheet
1Mb / 9P
   600V N-Channel MOSFET
logo
Fairchild Semiconductor
FQPF8N60C FAIRCHILD-FQPF8N60C Datasheet
1Mb / 10P
   600V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF8N60C ISC-FQPF8N60C Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQPF8N60CF FAIRCHILD-FQPF8N60CF Datasheet
755Kb / 8P
   600V N-Channel MOSFET
More results

유사한 설명 - FQPF8N60CT

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQB8N60CTM FAIRCHILD-FQB8N60CTM Datasheet
804Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 7.5 A, 1.2 廓
logo
ON Semiconductor
FQD2N60C ONSEMI-FQD2N60C Datasheet
979Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 1.9 A, 4.7 廓
October-2017,Rev.2
logo
Fairchild Semiconductor
FQI5N60CTU FAIRCHILD-FQI5N60CTU Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 4.5 A, 2.5 廓
FQD1N60CTM FAIRCHILD-FQD1N60CTM Datasheet
557Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 1.0 A, 11.5 廓
FQU1N60CTU FAIRCHILD-FQU1N60CTU Datasheet
557Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 1.0 A, 11.5 廓
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
FQI4N80TU FAIRCHILD-FQI4N80TU Datasheet
801Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQPF6N90CT FAIRCHILD-FQPF6N90CT Datasheet
1Mb / 10P
   N-Channel QFET짰 MOSFET 900 V, 6.0 A, 2.3 廓
FQB5N90TM FAIRCHILD-FQB5N90TM Datasheet
785Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 5.4 A, 2.3 廓
FQB7N60TM FAIRCHILD-FQB7N60TM Datasheet
771Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com