전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL2730M 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 HCPL2730M
상세설명  Low current ??0.5mA
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2730M 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button HCPL2730M Datasheet HTML 6Page - Fairchild Semiconductor HCPL2730M Datasheet HTML 7Page - Fairchild Semiconductor HCPL2730M Datasheet HTML 8Page - Fairchild Semiconductor HCPL2730M Datasheet HTML 9Page - Fairchild Semiconductor HCPL2730M Datasheet HTML 10Page - Fairchild Semiconductor HCPL2730M Datasheet HTML 11Page - Fairchild Semiconductor HCPL2730M Datasheet HTML 12Page - Fairchild Semiconductor HCPL2730M Datasheet HTML 13Page - Fairchild Semiconductor HCPL2730M Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
©2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N138M, 6N139M, HCPL2730M, HCPL2731M Rev. 1.0.2
10
Package Dimensions
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/
Through Hole
Surface Mount – 0.3" Lead Spacing (Option S)
Note:
All dimensions are in inches (millimeters)
0.4" Lead Spacing (Option TV) (Pending)
8-Pin Surface Mount DIP – Land Pattern
(Option S)
0.200 (5.08)
MAX
0.100 (2.54) TYP
0.022 (0.56)
0.016 (0.41)
0.020 (0.51)
MIN
0.390 (9.91)
0.370 (9.40)
0.270 (6.86)
0.250 (6.35)
3
0.070 (1.78)
0.045 (1.14)
0.156 (3.94)
0.144 (3.68)
2
41
56
7
8
0.300 (7.62)
TYP
0.154 (3.90)
0.120 (3.05)
0.016 (0.40)
0.008 (0.20)
15
° MAX
PIN 1
ID.
0.270 (6.86)
0.250 (6.35)
0.390 (9.91)
0.370 (9.40)
0.022 (0.56)
0.016 (0.41)
0.100 (2.54)
TYP
0.020 (0.51)
MIN
0.070 (1.78)
0.045 (1.14)
0.156 (3.94)
0.144 (3.68)
0.300 (7.62)
TYP
0.405 (10.30)
MAX.
0.315 (8.00)
MIN
0.015 (0.40) MIN
Both Sides
32
1
4
56
7
8
0.016 (0.40)
0.008 (0.20)
PIN 1
ID.
0.200 (5.08)
MAX
0.100 (2.54) TYP
0.022 (0.56)
0.031 (0.78)
0.016 (0.41)
0.020 (0.51)
MIN
0.390 (9.91)
0.370 (9.40)
0.270 (6.86)
0.250 (6.35)
3
0.070 (1.78)
0.156 (3.94)
0.144 (3.68)
0.045 (1.14)
2
41
56
7
8
0.400 (10.16)
TYP
0.154 (3.90)
0.120 (3.05)
0.016 (0.40)
0.008 (0.20)
0
° to 15°
PIN 1
ID.
0.070 (1.78)
0.060 (1.52)
0.030 (0.76)
0.100 (2.54)
0.295 (7.49)
0.415 (10.54)
0.200 (5.08)
MAX


유사한 부품 번호 - HCPL2730M

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HCPL2730M FAIRCHILD-HCPL2730M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
More results

유사한 설명 - HCPL2730M

제조업체부품명데이터시트상세설명
logo
Micropac Industries
66252 MICROPAC-66252 Datasheet
68Kb / 2P
   Low input current requirement: 0.5mA
logo
Exar Corporation
CLC1008 EXAR-CLC1008 Datasheet
2Mb / 16P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
XR1008 EXAR-XR1008 Datasheet
750Kb / 17P
   0.5mA, 75MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
CLC1008 CADEKA-CLC1008 Datasheet
3Mb / 17P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4210 FAIRCHILD-KM4210 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
logo
Delta Electronics, Inc.
PJB-24V150WXXA DELTA-PJB-24V150WXXA Datasheet
1Mb / 14P
   Low Inrush Current / Low Leakage Current
logo
Siemens Semiconductor G...
BFP181 SIEMENS-BFP181 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5mA to 12mA)
logo
Vishay Siliconix
VLMYG30H2K1 VISHAY-VLMYG30H2K1 Datasheet
199Kb / 7P
   Low Current SMD LED PLCC-2
Rev. 1.6, 07-Mar-18
logo
Shenzhen Luguang Electr...
BC860C LUGUANG-BC860C Datasheet
75Kb / 2P
   Low current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com