전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSL0503HC-2R2M-N 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 SSL0503HC-2R2M-N
상세설명  SMD Unshielded Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SSL0503HC-2R2M-N 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  SSL0503HC-2R2M-N Datasheet HTML 1Page - List of Unclassifed Manufacturers SSL0503HC-2R2M-N Datasheet HTML 2Page - List of Unclassifed Manufacturers SSL0503HC-2R2M-N Datasheet HTML 3Page - List of Unclassifed Manufacturers SSL0503HC-2R2M-N Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Unshielded Power Inductors – SSL-HC Series
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
DC Resistance
(Ω) Max
SRF
(MHz) Typ.
Isat
(A)
Irms
(A)
SSL0804HC-R33M-N
0.33
20
0.002
300
20.0
16.0
SSL0804HC-R68M-N
0.68
20
0.005
200
13.0
12.0
SSL0804HC-1R0M-N
1.0
20
0.006
100
11.0
10.0
SSL0804HC-1R5M-N
1.5
20
0.008
90
9.0
9.0
SSL0804HC-2R2M-N
2.2
20
0.011
90
7.8
7.4
SSL0804HC-2R7M-N
2.7
20
0.012
65
7.0
6.6
SSL0804HC-3R3M-N
3.3
20
0.014
65
6.4
5.9
SSL0804HC-4R7M-N
4.7
20
0.018
45
5.4
4.8
SSL0804HC-6R8M-N
6.8
20
0.035
35
3.6
5.0
SSL0804HC-100M-N
10
20
0.04
26
3.3
4.3
SSL0804HC-150M-N
15
20
0.06
21
2.4
3.5
SSL0804HC-220M-N
22
20
0.08
17
2.0
2.8
SSL0804HC-330M-N
33
20
0.15
14
1.7
2.1
SSL0804HC-470M-N
47
20
0.28
12
1.4
1.7
SSL0804HC-680M-N
68
20
0.3
9
1.2
1.5
SSL0804HC-101M-N
100
20
0.4
7
0.95
1.2
 Inductance tested at 100 KHz, 0.1 Vrms.
 SRF measured using HP8753D network analyzer
 Inductance drop = 10% typ. at Isat.
 ΔT = 40℃ typ. at Irms.
 Tolerance: M = ±20%
 Operating temperature range -40℃~125℃ (Including self - temperature rise )
 Electrical specifications at 25℃
Test Instruments:


유사한 부품 번호 - SSL0503HC-2R2M-N

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SSL0402T-100M-N ETC2-SSL0402T-100M-N Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
SSL0402T-101M-N ETC2-SSL0402T-101M-N Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
SSL0402T-102M-N ETC2-SSL0402T-102M-N Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
SSL0402T-150M-N ETC2-SSL0402T-150M-N Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
SSL0402T-151M-N ETC2-SSL0402T-151M-N Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
More results

유사한 설명 - SSL0503HC-2R2M-N

제조업체부품명데이터시트상세설명
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com