전자부품 데이터시트 검색엔진 |
|
FM120-M 데이터시트(PDF) 1 Page - Formosa MS |
|
FM120-M 데이터시트(HTML) 1 Page - Formosa MS |
1 / 2 page FM120-M THRU FM1100-M Features Plastic package has Underwriters Laboratory Flammability Classification 94V-O Utilizing Flame Retardant EpoxyMolding Compound. For surface mounted applications. Exceeds environmental standards of MIL-S-19500 / 228 Low leakage current. Mechanical data Case : Molded plastic, JEDEC SOD-123 / MINISMA Terminals : Solder plated, s olderable per MIL-STD-750, Method 2026 Polarity : Indicated by cathode band Mounting Position : Any Weight : 0.04 gram (V) (V) (V) (V) ( o C) FM120-M 12 20 14 20 FM130-M 13 30 21 30 FM140-M 14 40 28 40 FM150-M 15 50 35 50 FM160-M 16 60 42 60 FM180-M 18 80 56 80 FM1100-M 10 100 70 100 0.50 0.70 0.85 -55 to +125 -55 to +150 SYMBOLS MARKING CODE Operating temperature V RRM *1 V RMS *2 V R *3 V F *4 MAXIMUM RATINGS (AT TA=25 oC unless otherwise noted) PARAMETER CONDITIONS Symbol MIN. TYP. MAX. UNIT Forward rectified current See Fig.1 IO 1.0 A Forward surge current 8.3ms single half sine-wave superimposed on rate load (JEDEC methode) IFSM 30 A VR = VRRM TA = 25 oC 0.5 mA VR = VRRM TA = 125 oC 10 mA Thermal resistance Junction to ambient R qJA 98 oC / w Diode junction capacitance f=1MHz and applied 4vDC reverse voltage CJ 120 pF Storage temperature TSTG -55 +150 oC Reverse current IR *1 Repetitive peak reverse voltage *2 RMS voltage *3 Continuous reverse voltage *4 Maximum forward voltage Chip Schottky Barrier Diodes Silicon epitaxial planer type 0.161(4.1) 0.146(3.7) 0.012(0.3) Typ. 0.071(1.8) 0.055(1.4) 0.110(2.8) 0.094(2.4) 0.063(1.6) 0.055(1.4) 0.035(0.9) Typ. 0.035(0.9) Typ. Dimensions in inches and (millimeters) SOD-123 Formosa MS |
유사한 부품 번호 - FM120-M |
|
유사한 설명 - FM120-M |