전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJ11015 데이터시트(PDF) 1 Page - Continental Device India Limited

부품명 MJ11015
상세설명  SILICON PLANAR DARLINGTON POWER TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CDIL [Continental Device India Limited]
홈페이지  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MJ11015 데이터시트(HTML) 1 Page - Continental Device India Limited

  MJ11015 Datasheet HTML 1Page - Continental Device India Limited MJ11015 Datasheet HTML 2Page - Continental Device India Limited MJ11015 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON PLANAR DARLINGTON POWER TRANSISTORS
MJ11015 PNP
MJ11016 NPN
Metal Can Package
TO-3
Designed for use as Output Devices in Complementary General Purpose Amplifier Applications.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
SYMBOL
UNITS
Collector Base Voltage
VCBO
V
Collector Emitter Voltage
VCEO
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
A
Base Current
IB
A
Collector Power Dissipation at Tc=25ºC
PC
W
Junction Temperature
Tj
ºC
Storage Temperature Range
Tstg
ºC
THERMAL RESISTANCE
Junction to Case
Rth(j-c)
ºC/W
ELECTRICAL CHARACTERISTICS (TC=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNITS
Collector Emitter Voltage
*VCEO
IC=100mA, IB=0
120
V
Collector Emitter Saturation Voltage
*VCE (Sat)
IC=20A, IB=0.2A
3.0
V
IC=30A, IB=0.3A
4.0
V
Base Emitter Saturation Voltage
*VBE (Sat)
IC=20A, IB=0.2A
3.5
V
IC=30A, IB=0.3A
5.0
V
Collector Cut Off Current
ICER
VCE=120V, RBE=1KΩ
1.0
mA
VCE=120V, RBE=1KΩ,ΤC=150ºC
5.0
mA
Collector Cut Off Current
ICEO
VCE=50V, IB=0
1.0
mA
Emitter Cut Off Current
IEBO
VBE=5V, IC=0
5.0
mA
DC Current Gain
*hFE
IC=20A, VCE=5V
1000
IC=30A, VCE=5V
200
*Pulse Test: Pulse Width <300
µµs, Duty Cycle <2%
MJ11015_11016 Rev310310E
VALUE
120
120
5
- 55 to +200
0.87
30
1
200
200
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


유사한 부품 번호 - MJ11015

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
MJ11015 MOSPEC-MJ11015 Datasheet
140Kb / 3P
   POWER TRANSISTORS(30A,60-120V,200W)
logo
Motorola, Inc
MJ11015 MOTOROLA-MJ11015 Datasheet
157Kb / 4P
   30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
logo
ON Semiconductor
MJ11015 ONSEMI-MJ11015 Datasheet
157Kb / 4P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 1
logo
Wing Shing Computer Com...
MJ11015 WINGS-MJ11015 Datasheet
21Kb / 1P
   PNP SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Central Semiconductor C...
MJ11015 CENTRAL-MJ11015 Datasheet
54Kb / 1P
   Power Transistors
More results

유사한 설명 - MJ11015

제조업체부품명데이터시트상세설명
logo
Continental Device Indi...
CJF100 CDIL-CJF100 Datasheet
298Kb / 4P
   SILICON PLANAR POWER DARLINGTON TRANSISTORS
TIP140 CDIL-TIP140 Datasheet
327Kb / 3P
   SILICON PLANAR DARLINGTON POWER TRANSISTORS
CJF122 CDIL-CJF122 Datasheet
203Kb / 4P
   SILICON PLANAR DARLINGTON POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
TIP140F TEL-TIP140F Datasheet
60Kb / 2P
   SILICON PLANAR DARLINGTON POWER TRANSISTORS
logo
Continental Device Indi...
TIP142T CDIL-TIP142T Datasheet
415Kb / 3P
   SILICON PLANAR POWER DARLINGTON TRANSISTORS
logo
TRANSYS Electronics Lim...
TIP142T TEL-TIP142T Datasheet
161Kb / 2P
   SILICON PLANAR POWER DARLINGTON TRANSISTORS
logo
SEMTECH ELECTRONICS LTD...
STBDW42 SEMTECH_ELEC-STBDW42 Datasheet
229Kb / 3P
   NPN Silicon Planar Darlington Power Transistors
logo
Comset Semiconductor
BDX45 COMSET-BDX45 Datasheet
223Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
logo
New Jersey Semi-Conduct...
BDX42 NJSEMI-BDX42 Datasheet
119Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
logo
Comset Semiconductor
BDX42 COMSET-BDX42_12 Datasheet
66Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com