전자부품 데이터시트 검색엔진 |
|
IRF3707PBF 데이터시트(PDF) 4 Page - International Rectifier |
|
IRF3707PBF 데이터시트(HTML) 4 Page - International Rectifier |
4 / 11 page IRF3707S/LPbF 4 www.irf.com Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage Fig 7. Typical Source-Drain Diode Forward Voltage Fig 8. Maximum Safe Operating Area 1 10 100 0 500 1000 1500 2000 2500 3000 V , Drain-to-Source Voltage (V) DS V C C C = = = = 0V, C C C f = 1MHz + C + C C SHORTED GS iss gs gd , ds rss gd oss ds gd Crss Coss Ciss 0 10 20 30 40 0 2 4 6 8 10 Q , Total Gate Charge (nC) G I = D 24.8A V = 15V DS 0.1 1 10 100 1000 0.2 0.6 1.0 1.4 1.8 V ,Source-to-Drain Voltage (V) SD V = 0 V GS T = 25 C J ° T = 175 C J ° 1 10 100 1000 1 10 100 OPERATION IN THIS AREA LIMITED BY RDS(on) Single Pulse T T = 175 C = 25 C ° ° J C V , Drain-to-Source Voltage (V) DS 10us 100us 1ms 10ms |
유사한 부품 번호 - IRF3707PBF |
|
유사한 설명 - IRF3707PBF |