전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6616PBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRF6616PBF
상세설명  RoHS compliant containing no lead or bormide
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6616PBF 데이터시트(HTML) 1 Page - International Rectifier

  IRF6616PBF Datasheet HTML 1Page - International Rectifier IRF6616PBF Datasheet HTML 2Page - International Rectifier IRF6616PBF Datasheet HTML 3Page - International Rectifier IRF6616PBF Datasheet HTML 4Page - International Rectifier IRF6616PBF Datasheet HTML 5Page - International Rectifier IRF6616PBF Datasheet HTML 6Page - International Rectifier IRF6616PBF Datasheet HTML 7Page - International Rectifier IRF6616PBF Datasheet HTML 8Page - International Rectifier IRF6616PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
05/23/07
Applicable DirectFET Outline and Substrate Outline (see p.7,8 for details)

Fig 1. Typical On-Resistance vs. Gate Voltage
Fig 2. Typical Total Gate Charge vs Gate-to-Source Voltage
 Click on this section to link to the appropriate technical paper.
‚ Click on this section to link to the DirectFET Website.
ƒ Surface mounted on 1 in. square Cu board, steady state.
„ TC measured with thermocouple mounted to top (Drain) of part.
… Repetitive rating; pulse width limited by max. junction temperature.
† Starting TJ = 25°C, L = 0.32mH, RG = 25Ω, IAS =15A.
Notes:
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
e
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V e
A
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V f
IDM
Pulsed Drain Current
g
EAS
Single Pulse Avalanche Energy
h
mJ
IAR
Avalanche Current
Ãg
A
Max.
15
106
150
±20
40
19
36
15
0
1020
3040
QG Total Gate Charge (nC)
0
1
2
3
4
5
6
VDS= 32V
VDS= 20V
ID= 15A
Description
The IRF6616 combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to achieve low
combined on-state and switching loss in a package that has the footprint area of an SO-8 and only 0.7mm profile. The DirectFET package
is compatible with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection
soldering techniques, when application note AN-1035 is followed regarding the manufacturing methods and processes. The DirectFET
package allows dual sided cooling to maximize thermal transfer in power systems, improving previous best thermal resistance by 80%.
The IRF6616 balances both low resistance and low charge along with ultra low package inductance to reduce both conduction and switching
losses. The reduced total losses make this product ideal for high efficiency DC-DC converters that power the latest generation of processors
operating at higher frequencies. The IRF6616 is ideal for secondary side synchronous rectification applications up to 100W, and can also be
used in some non-isolated synchronous buck applications where 30V devices do not provide enough voltage headroom.
SQ
SX
ST
MQ
MX
MT
MP
l RoHS compliant containing no lead or bormide

l Low Profile (<0.7 mm)
l Dual Sided Cooling Compatible

l Ultra Low Package Inductance
l Optimized for High Frequency Switching

l Low Conduction and Switching Losses
l Compatible with existing Surface Mount Techniques

l Lead-Free
2.0
4.0
6.0
8.0
10.0
VGS, Gate-to-Source Voltage (V)
0
2.0
4.0
6.0
8.0
10
12
TJ = 25°C
TJ = 125°C
ID = 19A
IRF6616PbF
IRF6616TRPbF
DirectFET
™ Power MOSFET ‚
Typical values (unless otherwise specified)
VDSS
VGS
RDS(on)
RDS(on)
40V max ±20V max 3.7m
Ω@ 10V 4.6mΩ@ 4.5V
Qg tot
Qgd
Qgs2
Qrr
Qoss Vgs(th)
29nC
9.4nC
2.4nC
33nC
15nC
1.8V
DirectFET
™ ISOMETRIC
MX
PD - 96100


유사한 부품 번호 - IRF6616PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6616PBF IRF-IRF6616PBF Datasheet
282Kb / 10P
   RoHS compliant containing no lead or bormide
IRF6616PBF IRF-IRF6616PBF_15 Datasheet
282Kb / 10P
   RoHS compliant containing no lead or bormide
More results

유사한 설명 - IRF6616PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6616PBF IRF-IRF6616PBF Datasheet
282Kb / 10P
   RoHS compliant containing no lead or bormide
IRF6616PBF IRF-IRF6616PBF_15 Datasheet
282Kb / 10P
   RoHS compliant containing no lead or bormide
IRF6626TR1 IRF-IRF6626TR1 Datasheet
641Kb / 10P
   RoHS compliant containing no lead or bromide
IRF6611TR1 IRF-IRF6611TR1 Datasheet
260Kb / 10P
   RoHS compliant containing no lead or bromide
IRF6655TR1 IRF-IRF6655TR1 Datasheet
271Kb / 11P
   RoHS compliant containing no lead or bromide 
IRF6646TR1 IRF-IRF6646TR1 Datasheet
657Kb / 10P
   RoHS compliant containing no lead or bromide
IRF6713STR1PBF IRF-IRF6713STR1PBF Datasheet
236Kb / 9P
   ROHS Compliant Containing No Lead and Bromide
IRF8308MTRPBF IRF-IRF8308MTRPBF Datasheet
277Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MTRPBF IRF-IRF6894MTRPBF Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MPBF IRF-IRF6894MPBF_15 Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com