전자부품 데이터시트 검색엔진 |
|
IRF6646 데이터시트(PDF) 2 Page - International Rectifier |
|
IRF6646 데이터시트(HTML) 2 Page - International Rectifier |
2 / 10 page IRF6646 2 www.irf.com Notes: Pulse width ≤ 400µs; duty cycle ≤ 2%. Repetitive rating; pulse width limited by max. junction temperature. Thermally limited and used Rθja to calculate. Static @ TJ = 25°C (unless otherwise specified) Parameter Min. Typ. Max. Units BVDSS Drain-to-Source Breakdown Voltage 80 ––– ––– V ∆ΒVDSS/∆TJ Breakdown Voltage Temp. Coefficient ––– 0.10 ––– V/°C RDS(on) Static Drain-to-Source On-Resistance ––– 7.6 9.5 m Ω VGS(th) Gate Threshold Voltage 3.0 ––– 4.9 V ∆VGS(th)/∆TJ Gate Threshold Voltage Coefficient ––– -11 ––– mV/°C IDSS Drain-to-Source Leakage Current ––– ––– 20 µA ––– ––– 250 IGSS Gate-to-Source Forward Leakage ––– ––– 100 nA Gate-to-Source Reverse Leakage ––– ––– -100 gfs Forward Transconductance 17 ––– ––– S Qg Total Gate Charge ––– 36 50 Qgs1 Pre-Vth Gate-to-Source Charge ––– 7.6 ––– Qgs2 Post-Vth Gate-to-Source Charge ––– 2.0 ––– nC Qgd Gate-to-Drain Charge ––– 12 Qgodr Gate Charge Overdrive ––– 14 ––– See Fig. 17 Qsw Switch Charge (Qgs2 + Qgd) ––– 14 ––– Qoss Output Charge ––– 18 ––– nC RG Gate Resistance ––– 1.0 ––– Ω td(on) Turn-On Delay Time ––– 17 ––– tr Rise Time ––– 20 ––– td(off) Turn-Off Delay Time ––– 31 ––– ns tf Fall Time ––– 12 ––– Ciss Input Capacitance ––– 2060 ––– Coss Output Capacitance ––– 480 ––– pF Crss Reverse Transfer Capacitance ––– 120 ––– Coss Output Capacitance ––– 2180 ––– Coss Output Capacitance ––– 310 ––– Diode Characteristics Parameter Min. Typ. Max. Units IS Continuous Source Current ––– ––– 2.5 e (Body Diode) A ISM Pulsed Source Current ––– ––– 96 (Body Diode) d VSD Diode Forward Voltage ––– ––– 1.3 V trr Reverse Recovery Time ––– 36 54 ns Qrr Reverse Recovery Charge ––– 48 72 nC MOSFET symbol RG=6.2Ω VDS = 25V Conditions VGS = 0V, VDS = 64V, f=1.0MHz VGS = 0V, VDS = 1.0V, f=1.0MHz VDS = 16V, VGS = 0V VDD = 40V, VGS = 10V c VGS = 0V ƒ = 1.0MHz ID = 7.2A VDS = VGS, ID = 150µA VDS = 80V, VGS = 0V Conditions VGS = 0V, ID = 250µA Reference to 25°C, ID = 1mA VGS = 10V, ID = 12A c TJ = 25°C, IF = 7.2A, VDD = 40V di/dt = 100A/µs c TJ = 25°C, IS = 7.2A, VGS = 0V c showing the integral reverse p-n junction diode. ID = 7.2A VDS = 64V, VGS = 0V, TJ = 125°C VGS = 20V VGS = -20V VGS = 10V VDS = 10V, ID = 7.2A VDS = 40V |
유사한 부품 번호 - IRF6646 |
|
유사한 설명 - IRF6646 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |