전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

Q4010N5RP 데이터시트(PDF) 3 Page - Littelfuse

부품명 Q4010N5RP
부품 상세설명  10 Amp Standard & Alternistor (High Communitation) Triacs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q4010N5RP 데이터시트(HTML) 3 Page - Littelfuse

  Q4010N5RP Datasheet HTML 1Page - Littelfuse Q4010N5RP Datasheet HTML 2Page - Littelfuse Q4010N5RP Datasheet HTML 3Page - Littelfuse Q4010N5RP Datasheet HTML 4Page - Littelfuse Q4010N5RP Datasheet HTML 5Page - Littelfuse Q4010N5RP Datasheet HTML 6Page - Littelfuse Q4010N5RP Datasheet HTML 7Page - Littelfuse Q4010N5RP Datasheet HTML 8Page - Littelfuse Q4010N5RP Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
91
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
10 Amp Standard & Alternistor (High Communitation) Triacs
Qxx10xx & Qxx10xHx Series
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Alternistor Triac (3 Quadrants)
Symbol
Test Conditions
Quadrant
Value
Unit
I
GT
V
D = 12V RL = 60 Ω
I – II – III
MAX.
50
mA
V
GT
I – II – III
MAX.
1.3
V
V
GD
V
D = VDRM RL = 3.3 kΩ TJ = 125°C
I – II – III
MIN.
0.2
V
I
H
I
T = 100mA
MAX.
50
mA
dv/dt
V
D = VDRM Gate Open TJ = 125°C
400V
MIN.
750
V/μs
600V
650
800V
500
V
D = VDRM Gate Open TJ = 100°C
1000V
300
(dv/dt)c
(di/dt)c = 5.4 A/ms T
J = 125°C
TYP.
30
V/μs
t
gt
I
G = 2 x IGT PW = 15µs IT = 14.1 A(pk)
TYP.
4.0
μs
Static Characteristics
Symbol
Test Conditions
Value
Unit
V
TM
I
TM = 14.1A tp = 380 µs
MAX.
1.60
V
I
DRM
I
RRM
V
DRM = VRRM
T
J = 25°C
400 - 600V
MAX.
10
μA
T
J = 125°C
400 - 800V
2
mA
T
J = 100°C
1000V
3
Thermal Resistances
Symbol
Parameter
Value
Unit
R
θ(J-C)
Junction to case (AC)
Qxx10Ryy/
Qxx10Nyy
1.3
°C/W
Qxx10Lyy
2.6
R
θ(J-A)
Junction to ambient (AC)
Qxx10Ryy
45
°C/W
Qxx10Lyy
50
Note: xx = voltage, x = package, y = sensitivity, yy = type & sensitivity


유사한 부품 번호 - Q4010N5RP

제조업체부품명데이터시트부품 상세설명
Littelfuse
Littelfuse
Q4010N5 LITTELFUSE-Q4010N5 Datasheet
230Kb / 10P
   Triacs (0.8 A to 35 A)
More results

유사한 설명 - Q4010N5RP

제조업체부품명데이터시트부품 상세설명
Littelfuse
Littelfuse
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6016LH651 LITTELFUSE-Q6016LH651 Datasheet
974Kb / 9P
   15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
E71639 LITTELFUSE-E71639 Datasheet
999Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
QJ8012XHX LITTELFUSE-QJ8012XHX Datasheet
596Kb / 8P
   12 Amp High Temperature Alternistor Triacs
HQ6025XH5 LITTELFUSE-HQ6025XH5 Datasheet
645Kb / 8P
   25 Amp High Temperature Alternistor Triacs
QJXX25XHX LITTELFUSE-QJXX25XHX Datasheet
583Kb / 9P
   25 Amp High Temperature Alternistor Triacs
LJ6008D8RP LITTELFUSE-LJ6008D8RP Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
More results


Html Pages

1  2  3  4  5  6  7  8  9 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz