전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF422 데이터시트(PDF) 1 Page - Continental Device India Limited

부품명 BF422
상세설명  NPN SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CDIL [Continental Device India Limited]
홈페이지  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BF422 데이터시트(HTML) 1 Page - Continental Device India Limited

  BF422 Datasheet HTML 1Page - Continental Device India Limited BF422 Datasheet HTML 2Page - Continental Device India Limited BF422 Datasheet HTML 3Page - Continental Device India Limited BF422 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR EPITAXIAL HIGH VOLTAGE
BF420
VIDEO TRANSISTORS
BF422
TO-92
Plastic Package
Designed For High Voltage Video Amplifier In Television Receivers.
ABSOLUTE MAXIMUM RATINGS(Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
420
422
UNITS
Collector Emitter Voltage
VCEO
300
250
V
Collector Base Voltage
VCBO
300
250
V
Emitter Base Voltage
VEBO
5V
Collector Current Continuous
IC
500
mA
Power Dissipation@ Ta=25ºC
PD
800
mW
Derate Above 25ºC
6.4
mW/ºC
Power Dissipation@ Tc=25ºC
PD
2.75
W
Derate Above 25ºC
22
mW/ºC
Operating And Storage Junction
Tj, Tstg
-55 to +150
ºC
Temperature Range
THERMAL RESISTANCE
Junction to ambient
Rth(j-a)
156
ºC/W
Junction to case
Rth(j-c)
45
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC Unless Specified Otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
422
420
UNITS
Collector Emitter Voltage*
VCEO
IC=1.0mA,IB=0
>250
>300
V
Collector Base Voltage
VCBO
IC=100µA.IE=0
>250
>300
V
Emitter Base Voltage
VEBO
IE=100µA, IC=0
>5
>5
V
Collector Cut off Current
ICBO
VCB=200V,IE=0
<10
<10
nA
Emitter Cut off Current
IEBO
VEB=5.0V, IC=0
<100
<100
nA
DC Current Gain
hFE
IC=25mA,VCE=20V
>50
>50
Collector Emitter Saturation Voltage
VCE(sat)
IC=20mA,IB=2mA
<0.5
<0.5
V
Base Emitter Saturation Voltage
VBE(sat)
IC=20mA,IB=2mA
<2
<2
V
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


유사한 부품 번호 - BF422

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BF422 MOTOROLA-BF422 Datasheet
114Kb / 4P
   High Voltage Transistors(NPN)
logo
TRANSYS Electronics Lim...
BF422 TEL-BF422 Datasheet
86Kb / 3P
   NPN SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS
logo
KEC(Korea Electronics)
BF422 KEC-BF422 Datasheet
52Kb / 3P
   SILICON NPN TRIPLE DIFFUSED TYPE
logo
ON Semiconductor
BF422 ONSEMI-BF422 Datasheet
80Kb / 4P
   High Voltage Transistors(NPN Silicon)
REV 1
logo
TRANSYS Electronics Lim...
BF422 TEL-BF422 Datasheet
77Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results

유사한 설명 - BF422

제조업체부품명데이터시트상세설명
logo
TRANSYS Electronics Lim...
BF420 TEL-BF420 Datasheet
86Kb / 3P
   NPN SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS
BF421 TEL-BF421 Datasheet
87Kb / 3P
   PNP SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS
logo
Continental Device Indi...
BF421 CDIL-BF421 Datasheet
149Kb / 4P
   PNP SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS
logo
Rectron Semiconductor
BF491 RECTRON-BF491 Datasheet
617Kb / 4P
   PNP SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS High Voltage Video Amplifier
logo
Micro Electronics
MPS6512 MICRO-ELECTRONICS-MPS6512 Datasheet
179Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
SEMTECH ELECTRONICS LTD...
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
   NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
   NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CLD667 CDIL-CLD667 Datasheet
123Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
   NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com