전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

ECQ-E2225KF 데이터시트(PDF) 11 Page - Panasonic Semiconductor

부품명 ECQ-E2225KF
부품 상세설명  Plastic Film Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQ-E2225KF 데이터시트(HTML) 11 Page - Panasonic Semiconductor

Back Button ECQ-E2225KF Datasheet HTML 7Page - Panasonic Semiconductor ECQ-E2225KF Datasheet HTML 8Page - Panasonic Semiconductor ECQ-E2225KF Datasheet HTML 9Page - Panasonic Semiconductor ECQ-E2225KF Datasheet HTML 10Page - Panasonic Semiconductor ECQ-E2225KF Datasheet HTML 11Page - Panasonic Semiconductor ECQ-E2225KF Datasheet HTML 12Page - Panasonic Semiconductor ECQ-E2225KF Datasheet HTML 13Page - Panasonic Semiconductor ECQ-E2225KF Datasheet HTML 14Page - Panasonic Semiconductor ECQ-E2225KF Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Rating
Voltage
Capacitance
Value(uF)
Code
dV/dt(V/us)
Current(o-p)
(A)
0.56
564
12.32
0.68
684
15.0
0.82
824
18.0
1.00
105
22.0
1.20
125
13.2
1.50
155
17.1
1.80
185
19.8
2.20
225
24.2
2.70
275
29.7
3.30
335
36.3
3.90
395
23.4
4.70
475
28.2
5.60
565
33.6
6.80
685
40.8
8.20
825
49.2
10.00
106
60.0
Pulse Handling Capability (dV/dt)
(Max 10000cycles)
Voltage Derating by Temperature
Permissible Current
Permissible Voltage
6
22
100VDC
11
0
20
40
60
80
100
120
-60 -40 -20
0
20
40
60
80 100 120
0.1
1
10
100
10
100
1000
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
10
100
1000
* Please consult Panasonic if your condition exceeds the above spec.
ECQE(F) Type 100VDC Series (Metallized Polyester Film)
Applicable Specifications
Frequency (kHz)
(at sinewave)
Frequency (kHz)
Surface Temperature of Capacitor(Degree C)
1.0uF
2.2uF
4.7uF
10uF
1.0uF
2.2uF
4.7uF
10uF
From 0.56uF to 10uF


유사한 부품 번호 - ECQ-E2225KF

제조업체부품명데이터시트부품 상세설명
Infineon Technologies AG
Infineon Technologies A...
ECQ-E2224JF INFINEON-ECQ-E2224JF Datasheet
2Mb / 23P
   Phase Cut Dimmable Non-isolated Buck Converter for LED Retrofit Bulb with
Revision 1.1, 2012 -08 -03
Panasonic Semiconductor
Panasonic Semiconductor
ECQ-E2224JFB PANASONIC-ECQ-E2224JFB Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E2224KF PANASONIC-ECQ-E2224KF Datasheet
173Kb / 9P
   Metallized Polyester Film Capacitor
More results

유사한 설명 - ECQ-E2225KF

제조업체부품명데이터시트부품 상세설명
Panasonic Semiconductor
Panasonic Semiconductor
ECWU1C124JC9 PANASONIC-ECWU1C124JC9 Datasheet
100Kb / 3P
   Plastic Film Capacitors
ECQJ0187XB PANASONIC-ECQJ0187XB Datasheet
193Kb / 2P
   Plastic Film Capacitors
ECQV1H103JL PANASONIC-ECQV1H103JL Datasheet
92Kb / 3P
   Plastic Film Capacitors
ECQU2A102MYY PANASONIC-ECQU2A102MYY Datasheet
68Kb / 2P
   Plastic Film Capacitors
Nichicon corporation
Nichicon corporation
QXK2E155KTP NICHICON-QXK2E155KTP Datasheet
56Kb / 1P
   PLASTIC FILM CAPACITORS
Panasonic Semiconductor
Panasonic Semiconductor
ECH-U1C152JX5 PANASONIC-ECH-U1C152JX5 Datasheet
395Kb / 10P
   Plastic Film Capacitors
ECH-U1C683GX5 PANASONIC-ECH-U1C683GX5 Datasheet
395Kb / 10P
   Plastic Film Capacitors
ECHU1C101X5 PANASONIC-ECHU1C101X5_16 Datasheet
65Kb / 2P
   Plastic Film Capacitors
Nichicon corporation
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
Panasonic Semiconductor
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz