전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM8S40A 데이터시트(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

부품명 SM8S40A
상세설명  Automotive Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
홈페이지  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SM8S40A 데이터시트(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SM8S40A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SM8S40A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SM8S40A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SM8S40A Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SM8S10 thru SM8S43A
Note:
(1) Automotive grade AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SM8S10AHE3/2D (1)
2.605
2D
750
13" diameter paper tape and reel,
anode towards the sprocket hole
Figure 1. Power Derating Curve
Figure 2. Load Dump Power Characteristics
(10 ms Exponential Waveform)
0
2.0
4.0
6.0
8.0
0
50
100
150
200
Case Temperature (
°C)
0
2000
1000
3000
4000
5000
6000
25
50
75
100
125
150
175
Case Temperature (
°C)
Figure 3. Pulse Waveform
Figure 4. Reverse Power Capability
0
50
100
150
t
r = 10 µs
Peak Value
I
PPM
Half Value -
I
PPM
I
PP
2
t
d
0
10
20
30
40
t - Time (ms)
T
J = 25 °C
Pulse Width (t
d)
is defined as the Point
where the Peak Current
decays to 50 % of I
PPM
1000
10 000
10
100
Pulse Width (ms) - ½ IPP Exponential Waveform
http://www.luguang.cn
mail:lge@luguang.cn


유사한 부품 번호 - SM8S40A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SM8S40A VISHAY-SM8S40A Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
logo
SUNMATE electronic Co.,...
SM8S40A SUNMATE-SM8S40A Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
SM8S40A HUAXINAN-SM8S40A Datasheet
443Kb / 4P
   6600W Transient Voltage Suppressors
logo
Vishay Siliconix
SM8S40A VISHAY-SM8S40A Datasheet
115Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Shunye Enterprise
SM8S40A SHUNYE-SM8S40A Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
More results

유사한 설명 - SM8S40A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
1.5KA6.8 VISHAY-1.5KA6.8 Datasheet
67Kb / 3P
   Automotive Transient Voltage Suppressors
08-Oct-02
logo
Shenzhen Luguang Electr...
SM5S10 LUGUANG-SM5S10 Datasheet
49Kb / 3P
   Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
P4KA6.8 VISHAY-P4KA6.8_08 Datasheet
99Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
1.5KA30A VISHAY-1.5KA30A Datasheet
39Kb / 3P
   Automotive Transient Voltage Suppressors
08-Oct-02
P4KA6.8 VISHAY-P4KA6.8 Datasheet
36Kb / 3P
   Automotive Transient Voltage Suppressors
03-May-02
6KA24 VISHAY-6KA24 Datasheet
94Kb / 4P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
P6KA VISHAY-P6KA Datasheet
29Kb / 3P
   Automotive Transient Voltage Suppressors
06-May-02
logo
Shenzhen Taychipst Elec...
TMPG06-6.8 TAYCHIPST-TMPG06-6.8 Datasheet
13Mb / 3P
   Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
P6KA6.8 VISHAY-P6KA6.8 Datasheet
101Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
1.5KA6.8 VISHAY-1.5KA6.8_08 Datasheet
102Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com