전자부품 데이터시트 검색엔진 |
|
MC79M08BTG 데이터시트(PDF) 2 Page - ON Semiconductor |
|
MC79M08BTG 데이터시트(HTML) 2 Page - ON Semiconductor |
2 / 9 page MC79M00 Series http://onsemi.com 2 MAXIMUM RATINGS (TA = 25°C, unless otherwise noted.) Rating Symbol Value Unit Input Voltage VI −35 Vdc Power Dissipation Case 221A (TO−220−3) TA = 25°C PD Internally Limited W Thermal Resistance, Junction−to−Ambient qJA 65 °C/W Thermal Resistance, Junction−to−Case qJC 5.0 °C/W Case 369C (DPAK−3) TA = 25°C PD Internally Limited W Thermal Resistance, Junction−to−Ambient qJA 92 °C/W Thermal Resistance, Junction−to−Case qJC 6.0 °C/W Storage Junction Temperature Tstg −65 to +150 °C Operating Junction Temperature Range TJ −40 to +150 °C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. *This device series contains ESD protection and exceeds the following tests: Human Body Model 2000 V per MIL_STD_883, Method 3015 Machine Model Method 200 V MC79M05B, C ELECTRICAL CHARACTERISTICS (VI = −10 V, IO = 350 mA, Tlow to Thigh (Note 2), unless otherwise noted.) Characteristic Symbol Min Typ Max Unit Output Voltage (TJ = 25°C) VO −4.8 −5.0 −5.2 Vdc Line Regulation, TJ = 25°C (Note 1) −7.0 Vdc ≥ VI ≥ −25 Vdc −8.0 Vdc ≥ VI ≥ −18 Vdc Regline − − 7.0 2.0 50 30 mV Load Regulation, TJ = 25°C (Note 1) 5.0 mA ≤ IO ≤ 500 mA Regload − 30 100 mV Output Voltage −7.0 Vdc ≥ VI ≥ −25 Vdc, 5.0 mA ≤ IO ≤ 350 mA VO −4.75 − −5.25 Vdc Input Bias Current (TJ = 25°C) IIB − 4.3 8.0 mA Input Bias Current Change −8.0 Vdc ≥ VI ≥ −25 Vdc, IO = 350 mA 5.0 mA ≤ IO ≤ 350 mA, VI = −10 V DIIB − − − − 0.4 0.4 mA Output Noise Voltage, TA = 25°C, 10 Hz ≤ f ≤ 100 kHz Vn − 40 − mV Ripple Rejection (f = 120 Hz) RR 54 66 − dB Dropout Voltage IO = 500 mA, TJ = 25°C VI−VO − 1.1 − Vdc Average Temperature Coefficient of Output Voltage IO = 5.0 mA, 0°C ≤ TJ ≤ 125°C DVO/DT − 0.2 − mV/°C 1. Load and line regulation are specified at constant temperature. Change in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. 2. B = Tlow to Thigh, −40°C < TJ < 125°C C = Tlow to Thigh, 0°C < TJ < 125°C. |
유사한 부품 번호 - MC79M08BTG |
|
유사한 설명 - MC79M08BTG |