전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC34844EP 데이터시트(PDF) 3 Page - Freescale Semiconductor, Inc

부품명 MC34844EP
상세설명  10 Channel LED Backlight Driver with Integrated Power Supply
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34844EP 데이터시트(HTML) 3 Page - Freescale Semiconductor, Inc

  MC34844EP Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34844EP Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34844EP Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34844EP Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34844EP Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34844EP Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34844EP Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34844EP Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34844EP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
34844
DEVICE VARIATIONS
DEVICE VARIATIONS
MC34844 is within the MC34844 Specifications Pages 4 to 31, MC34844A is within the MC34844A Specifications Pages 32
to 54
Table 1. Key Device Variations between the MC34844 and MC34844A
Electrical Parameter(1)
Condition
Value
Unit
Maximum LED Current
34844
34844A
55
85
mA
LED Channel Sink Current
34844
34844A
RISET=5.1 k
Ω ±0.1%
RISET=3.48 k
Ω ±0.1%
(typ)
50
80
mA
Switching Frequency
34844
34844A
(BST [1:0]=0)
(BST [1:0]=1)
(BST [1:0]=2) [default]
(BST [1:0]=3)
(BST [1:0]=0)
(BST [1:0]=1)) [default]
(BST [1:0]=2)
(BST [1:0]=3)
(typ)
0.15
0.30
0.60
1.20
0.16
0.32
0.65
1.30
MHz
PWM Frequency Range
34844
34844A
This frequency range applies for Master
mode, Slave mode, and Manual mode
100 - 25000
110 - 27000
Hz
Notes
1.
Refer to the respective Electrical Parameters for specific details


유사한 부품 번호 - MC34844EP

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC34844EP FREESCALE-MC34844EP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844EP/R2 FREESCALE-MC34844EP/R2 Datasheet
1Mb / 36P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844EP/R2 FREESCALE-MC34844EP/R2 Datasheet
2Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
More results

유사한 설명 - MC34844EP

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC34844 FREESCALE-MC34844 Datasheet
1Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEP FREESCALE-MC34844AEP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
34844 FREESCALE-34844_09 Datasheet
2Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEPR2 FREESCALE-MC34844AEPR2 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
34844 FREESCALE-34844_08 Datasheet
1Mb / 36P
   10 Channel LED Backlight Driver with Integrated Power Supply
34845 FREESCALE-34845 Datasheet
707Kb / 21P
   Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
MC34844 FREESCALE-MC34844_10 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver
logo
Texas Instruments
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
logo
Sipex Corporation
SP6415 SIPEX-SP6415 Datasheet
1Mb / 12P
   Integrated White LED Driver With Organic LED Display Power Supply
logo
Analog Microelectronics
AME5136 AME-AME5136 Datasheet
391Kb / 15P
   Integrated White LED Driver With Organic LED Display Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com