전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC04AT14-13 데이터시트(PDF) 3 Page - Diodes Incorporated

부품명 74LVC04AT14-13
상세설명  HEX BUFFERS WITH OPEN DRAIN OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC04AT14-13 데이터시트(HTML) 3 Page - Diodes Incorporated

  74LVC04AT14-13 Datasheet HTML 1Page - Diodes Incorporated 74LVC04AT14-13 Datasheet HTML 2Page - Diodes Incorporated 74LVC04AT14-13 Datasheet HTML 3Page - Diodes Incorporated 74LVC04AT14-13 Datasheet HTML 4Page - Diodes Incorporated 74LVC04AT14-13 Datasheet HTML 5Page - Diodes Incorporated 74LVC04AT14-13 Datasheet HTML 6Page - Diodes Incorporated 74LVC04AT14-13 Datasheet HTML 7Page - Diodes Incorporated 74LVC04AT14-13 Datasheet HTML 8Page - Diodes Incorporated 74LVC04AT14-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
74LVC04A
Document number: DS35258 Rev. 3 - 2
3 of 10
www.diodes.com
July 2012
© Diodes Incorporated
74LVC04A
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD CDM
Charged Device Model ESD Protection
1
KV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage Range
-0.5 to 6.5
V
VI
Input Voltage Range
-0.5 to 6.5
V
Vo
Voltage applied to output in high impedance or IOFF state
-0.5 to 6.5
V
Vo
Voltage applied to output in high or low state
-0.3 to VCC +0.5
V
IIK
Input Clamp Current
VI<0
-50
mA
IOK
Output Clamp Current
VO<0
-50
mA
IO
Continuous output current
50
mA
Continuous current through Vdd or GND
±100
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
PTOT
Total Power Dissipation
500
mW
Note:
4. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should
be within recommend values.
Recommended Operating Conditions (Note 5) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply Voltage
1.65
5.5
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage
Active Mode
0
VCC
V
VCC= 0V; Power Down Mode
0
5.5
V
Δt/ΔV
Input transition rise or fall rate
VCC = 1.65V to 2.7V
20
ns/V
VCC = 2.7V to 5.5V
10
TA
Operating free-air temperature
-40
+125
°C
Notes:
5. Unused inputs should be held at VCC or Ground.


유사한 부품 번호 - 74LVC04AT14-13

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74LVC04ATTR STMICROELECTRONICS-74LVC04ATTR Datasheet
241Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER HIGH PERFORMANCE
More results

유사한 설명 - 74LVC04AT14-13

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
74LV07A DIODES-74LV07A Datasheet
297Kb / 9P
   HEX BUFFERS WITH OPEN DRAIN OUTPUTS
74LVC07A DIODES-74LVC07A Datasheet
209Kb / 10P
   HEX BUFFERS WITH OPEN DRAIN OUTPUTS
logo
Unisonic Technologies
U74LVC07A UTC-U74LVC07A_15 Datasheet
204Kb / 5P
   HEX BUFFERS WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN54LVC07A TI-SN54LVC07A Datasheet
395Kb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LVC07A TI-SN74LVC07A Datasheet
685Kb / 19P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A Datasheet
314Kb / 11P
[Old version datasheet]   HEX BUFFERS / DRIVERS WITH OPEN - DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV07A RENESAS-HD74LV07A_15 Datasheet
126Kb / 10P
   Hex Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN54LV07A_101 TI-SN54LV07A_101 Datasheet
462Kb / 15P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A_10 Datasheet
463Kb / 15P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A_06 Datasheet
316Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com