전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHCT00S14 데이터시트(PDF) 3 Page - Diodes Incorporated

부품명 74AHCT00S14
상세설명  QUADRUPLE 2-INPUT NAND GATES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHCT00S14 데이터시트(HTML) 3 Page - Diodes Incorporated

  74AHCT00S14 Datasheet HTML 1Page - Diodes Incorporated 74AHCT00S14 Datasheet HTML 2Page - Diodes Incorporated 74AHCT00S14 Datasheet HTML 3Page - Diodes Incorporated 74AHCT00S14 Datasheet HTML 4Page - Diodes Incorporated 74AHCT00S14 Datasheet HTML 5Page - Diodes Incorporated 74AHCT00S14 Datasheet HTML 6Page - Diodes Incorporated 74AHCT00S14 Datasheet HTML 7Page - Diodes Incorporated 74AHCT00S14 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
74AHCT00
Document number: DS35348 Rev. 3 - 2
3 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74AHCT00
Recommended Operating Conditions (Note 5) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
4.5
5.5
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage
0
VCC
V
Δt/ΔV
Input Transition Rise or Fall Rate
20
ns/V
TA
Operating Free-Air Temperature
-40
+125
°C
Note:
5. Unused inputs should be held at VCC or Ground.
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Max
Min
Max
VIH
High-Level
Input Voltage
4.5V to 5.5V
2.0
2.0
V
VIL
Low-Level Input
voltage
4.5V to 5.5V
0.8
0.8
V
VOH
High-Level
Output Voltage
IOH = -50μA
4.5V
4.4
4.4
V
IOH = -8mA
4.5V
3.80
3.70
VOL
Low-Level
Output Voltage
IOL = 50μA
4.5V
0.1
0.1
V
IOL = 8mA
4.5V
0.44
0.55
II
Input Current
VI =GND to 5.5V
3.6V
±1
±2
μA
ICC
Supply Current VI = GND or VCC, IO = 0
3.6V
20
40
μA
ΔICC
Additional
Supply Current
One input at VCC -2.1V
Other pins at VCC or GND
5.5V
1.35
5
mA
Operating Characteristics
Parameter
Test
Conditions
VCC = 5.5V
Unit
Typ
Cpd
Power dissipation
capacitance per gate
f = 1MHz
14.8
pF
Ci
Input Capacitance
Vi = VCC – or GND
4.0
pF
Switching Characteristics
Symbol
Parameter
Test
Conditions
VCC
TA = +25°C
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPD
Propagation Delay
AN to YN
Figure 1
CL = 15pF
4.5V to 5.5V
0.5
3.4
6.9
0.5
8.0
0.5
9.0
ns
Figure 1
CL = 50pF
4.5V to 5.5V
0.5
4.9
10.0
0.5
10.0
0.5
11.0


유사한 부품 번호 - 74AHCT00S14

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHCT00 PHILIPS-74AHCT00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74AHCT00 NXP-74AHCT00 Datasheet
84Kb / 13P
   Quad 2-input NAND gate
Rev. 03-8 January 2008
logo
Nexperia B.V. All right...
74AHCT00 NEXPERIA-74AHCT00 Datasheet
227Kb / 12P
   Quad 2-input NAND gate
Rev. 5 - 26 May 2020
74AHCT00-Q100 NEXPERIA-74AHCT00-Q100 Datasheet
704Kb / 15P
   Quad 2-input NAND gate
logo
NXP Semiconductors
74AHCT00BQ NXP-74AHCT00BQ Datasheet
84Kb / 13P
   Quad 2-input NAND gate
Rev. 03-8 January 2008
More results

유사한 설명 - 74AHCT00S14

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00 Datasheet
65Kb / 6P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74LVC00A DIODES-74LVC00A Datasheet
183Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES
logo
Aeroflex Circuit Techno...
UT54ACS00 AEROFLEX-UT54ACS00 Datasheet
230Kb / 9P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74LV00A DIODES-74LV00A Datasheet
303Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES
logo
Aeroflex Circuit Techno...
UT54ACTS00E AEROFLEX-UT54ACTS00E Datasheet
207Kb / 9P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74HC00 DIODES-74HC00 Datasheet
299Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00_15 Datasheet
94Kb / 8P
   Quadruple 2-Input NAND Gates
logo
Aeroflex Circuit Techno...
UT54ACS00E AEROFLEX-UT54ACS00E Datasheet
414Kb / 8P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74AHC00 DIODES-74AHC00 Datasheet
294Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
74HCT00 DIODES-74HCT00 Datasheet
305Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com