전자부품 데이터시트 검색엔진 |
|
SMCJ110CA 데이터시트(PDF) 1 Page - Diodes Incorporated |
|
SMCJ110CA 데이터시트(HTML) 1 Page - Diodes Incorporated |
1 / 6 page SMCJ5.0(C)A - SMCJ170(C)A Document number: DS19003 Rev. 18 - 2 1 of 6 www.diodes.com June 2012 © Diodes Incorporated SMCJ5.0(C)A - SMCJ170(C)A 1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR Features • 1500W Peak Pulse Power Dissipation • 5.0V - 170V Standoff Voltages • Glass Passivated Die Construction • Unidirectional and Bidirectional Versions Available • Excellent Clamping Capability • Fast Response Time • Lead-Free Finish; RoHS Compliant (Notes 1 & 2) • Halogen and Antimony Free. “Green” Device (Notes 3 & 4) • Qualified to AEC-Q101 Standards for High Reliability Mechanical Data • Case: SMC • Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 • Terminals: Lead Free Plating (Matte Tin Finish). Solderable per MIL-STD-202, Method 208 • Polarity Indicator: Cathode Band (Note: Bidirectional devices have no polarity indicator.) • Weight: 0.21 grams (approximate) Ordering Information (Note 5) Part Number Case Packaging SMCJXXX(C)A-13-F SMC 3000/Tape & Reel *x = Device Voltage, e.g., SMCJ170A-13-F. Notes: 1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied. 2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free. 3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm antimony compounds. 4. Product manufactured with Date Code 0924 (week 24, 2009) and newer are built with Green Molding Compound. 5. For packaging details, go to our website at http://www.diodes.com. Marking Information Green Top View Bottom View xxx = Product type marking code (See Page 2) = Manufacturers’ code marking YWW = Date code marking Y = Last digit of year (ex: 2 for 2002) WW = Week code (01 to 53) YWW xxx SMC |
유사한 부품 번호 - SMCJ110CA |
|
유사한 설명 - SMCJ110CA |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |