전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2048-S 데이터시트(PDF) 1 Page - Fuji Electric

부품명 2SK2048-S
상세설명  N-channel MOS-FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJI [Fuji Electric]
홈페이지  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK2048-S 데이터시트(HTML) 1 Page - Fuji Electric

  2SK2048-S Datasheet HTML 1Page - Fuji Electric 2SK2048-S Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SK2048-L,S
N-channel MOS-FET
F-III Series
30V
0,022Ω 35A
60W
> Features
> Outline Drawing
-
High Current
-
Low On-Resistance
-
No Secondary Breakdown
-
Low Driving Power
-
High Forward Transconductance
> Applications
-
Motor Control
-
General Purpose Power Amplifier
-
DC-DC converters
> Maximum Ratings and Characteristics
> Equivalent Circuit
-
Absolute Maximum Ratings (TC=25°C), unless otherwise specified
Item
Symbol
Rating
Unit
Drain-Source-Voltage
V DS
30
V
Drain-Gate-Voltage (RGS=20K
Ω)
V DGR
30
V
Continous Drain Current
I D
35
A
Pulsed Drain Current
I D(puls)
140
A
Gate-Source-Voltage
V GS
±20
V
Max. Power Dissipation
P D
60
W
Operating and Storage Temperature Range
T ch
150
°C
T stg
-55 ~ +150
°C
-
Electrical Characteristics (TC=25°C), unless otherwise specified
Item
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Drain-Source Breakdown-Voltage
V (BR)DSS
ID=1mA
VGS=0V
30
V
Gate Threshhold Voltage
V GS(th)
ID=1mA
VDS=VGS
1,0
1,5
2,5
V
Zero Gate Voltage Drain Current
I DSS
VDS=30V
Tch=25°C
10
500
µA
VGS=0V
Tch=125°C
0,2
1,0
mA
Gate Source Leakage Current
I GSS
VGS=±20V
VDS=0V
10
100
nA
Drain Source On-State Resistance
R DS(on)
ID=17,5A
VGS=4V
0,025
0,037
ID=17,5A
VGS=10V
0,016
0,022
Forward Transconductance
g fs
ID=17,5A
VDS=12V
8
17
S
Input Capacitance
C iss
VDS=25V
1750
2630
pF
Output Capacitance
C oss
VGS=0V
800
1200
pF
Reverse Transfer Capacitance
C rss
f=1MHz
400
600
pF
Turn-On-Time ton (ton=td(on)+tr)
t d(on)
VCC=12V
25
38
ns
t r
ID=35A
100
150
ns
Turn-Off-Time toff (ton=td(off)+tf)
t d(off)
VGS=10V
300
450
ns
t f
RGS=25
180
270
ns
Continous Reverse Drain Current
I DR
35
A
Pulsed Reverse Drain Current
I DRM
140
A
Diode Forward On-Voltage
V SD
IF=2xIDR VGS=0V Tch=25°C
1,35
2,0
V
Reverse Recovery Time
t rr
IF=IDR VGS=0V
100
ns
Reverse Recovery Charge
Q rr
-dIF/dt=100A/µs Tch=25°C
0,5
µC
-
Thermal Characteristics
Item
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Thermal Resistance
R th(ch-a)
channel to air
125
°C/W
R th(ch-c)
channel to case
2,08
°C/W
Collmer Semiconductor, Inc. - P.O. Box 702708 - Dallas, TX - 75370 - 972-233-1589 - FAX 972-233-0481 - http://www.collmer.com


유사한 부품 번호 - 2SK2048-S

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2SK2048S ISC-2SK2048S Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - 2SK2048-S

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
logo
Fuji Electric
2SK1822-01M FUJI-2SK1822-01M Datasheet
185Kb / 2P
   N-channel MOS-FET
2SK1881-L FUJI-2SK1881-L Datasheet
203Kb / 2P
   N-channel MOS-FET
2SK1936-1 FUJI-2SK1936-1 Datasheet
216Kb / 2P
   N-channel MOS-FET
2SK1943-01 FUJI-2SK1943-01 Datasheet
203Kb / 2P
   N-channel MOS-FET
2SK1944-01 FUJI-2SK1944-01 Datasheet
219Kb / 2P
   N-channel MOS-FET
2SK1981-01 FUJI-2SK1981-01 Datasheet
215Kb / 2P
   N-channel MOS-FET
2SK1986-01 FUJI-2SK1986-01 Datasheet
214Kb / 2P
   N-channel MOS-FET
2SK2027-01 FUJI-2SK2027-01 Datasheet
210Kb / 2P
   N-channel MOS-FET
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com