전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF2807ZL 데이터시트(PDF) 10 Page - International Rectifier

부품명 IRF2807ZL
상세설명  Advanced Process Technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF2807ZL 데이터시트(HTML) 10 Page - International Rectifier

Back Button IRF2807ZL Datasheet HTML 5Page - International Rectifier IRF2807ZL Datasheet HTML 6Page - International Rectifier IRF2807ZL Datasheet HTML 7Page - International Rectifier IRF2807ZL Datasheet HTML 8Page - International Rectifier IRF2807ZL Datasheet HTML 9Page - International Rectifier IRF2807ZL Datasheet HTML 10Page - International Rectifier IRF2807ZL Datasheet HTML 11Page - International Rectifier IRF2807ZL Datasheet HTML 12Page - International Rectifier IRF2807ZL Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
IRF2807Z/S/L
10
www.irf.com
D2Pak Part Marking Information
F530S
THIS IS AN IRF530S WITH
LOT CODE 8024
ASSEMBLED ON WW 02, 2000
IN THE ASSEMBLY LINE "L"
ASSEMBLY
LOT CODE
INTERNATIONAL
RECTIFIER
LOGO
PART NUMBER
DATE CODE
YEAR 0 = 2000
WEEK 02
LINE L
D2Pak Package Outline
Dimensions are shown in millimeters (inches)


유사한 부품 번호 - IRF2807ZL

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF2807ZL IRF-IRF2807ZL Datasheet
272Kb / 12P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF2807ZL KERSEMI-IRF2807ZL Datasheet
4Mb / 12P
   AUTOMOTIVE MOSFET Advanced Process Technology
logo
Inchange Semiconductor ...
IRF2807ZL ISC-IRF2807ZL Datasheet
301Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF2807ZLPBF IRF-IRF2807ZLPBF Datasheet
279Kb / 12P
   AUTOMOTIVE MOSFET (75V, 94mOHM, 75A)
IRF2807ZLPBF IRF-IRF2807ZLPBF Datasheet
405Kb / 12P
   Advanced Process Technology
More results

유사한 설명 - IRF2807ZL

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com