전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UA741MN 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 UA741MN
상세설명  General-purpose single operational amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UA741MN 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button UA741MN Datasheet HTML 3Page - STMicroelectronics UA741MN Datasheet HTML 4Page - STMicroelectronics UA741MN Datasheet HTML 5Page - STMicroelectronics UA741MN Datasheet HTML 6Page - STMicroelectronics UA741MN Datasheet HTML 7Page - STMicroelectronics UA741MN Datasheet HTML 8Page - STMicroelectronics UA741MN Datasheet HTML 9Page - STMicroelectronics UA741MN Datasheet HTML 10Page - STMicroelectronics UA741MN Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Package information
UA741
8/11
DocID5304 Rev 3
4.1
DIP8 package information
Figure 2. DIP8 package mechanical drawing
Table 4. DIP8 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A5.33
0.210
A1
0.38
0.015
A2
2.92
3.30
4.95
0.115
0.130
0.195
b
0.36
0.46
0.56
0.014
0.018
0.022
b2
1.14
1.52
1.78
0.045
0.060
0.070
c
0.20
0.25
0.36
0.008
0.010
0.014
D
9.02
9.27
10.16
0.355
0.365
0.400
E
7.62
7.87
8.26
0.300
0.310
0.325
E1
6.10
6.35
7.11
0.240
0.250
0.280
e
2.54
0.100
eA
7.62
0.300
eB
10.92
0.430
L
2.92
3.30
3.81
0.115
0.130
0.150


유사한 부품 번호 - UA741MN

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
UA741M STMICROELECTRONICS-UA741M Datasheet
490Kb / 11P
   GENERAL-PURPOSE SINGLE OP-AMPs
UA741M STMICROELECTRONICS-UA741M Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
UA741MC STMICROELECTRONICS-UA741MC Datasheet
490Kb / 11P
   GENERAL-PURPOSE SINGLE OP-AMPs
UA741MD STMICROELECTRONICS-UA741MD Datasheet
153Kb / 11P
   General-purpose single operational amplifier
logo
Texas Instruments
UA741MFKB TI-UA741MFKB Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

유사한 설명 - UA741MN

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741_01 Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM741 NJRC-NJM741 Datasheet
174Kb / 5P
   SINGLE GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA741MD STMICROELECTRONICS-UA741MD Datasheet
153Kb / 11P
   General-purpose single operational amplifier
UA741 STMICROELECTRONICS-UA741_05 Datasheet
153Kb / 11P
   General-purpose single operational amplifier
UA741CDT STMICROELECTRONICS-UA741CDT Datasheet
153Kb / 11P
   General-purpose single operational amplifier
logo
Texas Instruments
OPA171-Q1 TI1-OPA171-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, General-Purpose Operational Amplifier
logo
STMicroelectronics
TL081 STMICROELECTRONICS-TL081 Datasheet
91Kb / 9P
   GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
TL081 STMICROELECTRONICS-TL081_07 Datasheet
321Kb / 14P
   GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA171-Q1 TI1-OPA171-Q1 Datasheet
767Kb / 18P
[Old version datasheet]   36V, SINGLE-SUPPLY, GENERAL-PURPOSE OPERATIONAL AMPLIFIER
UA702M TI-UA702M Datasheet
193Kb / 4P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com