전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UA741CN 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 UA741CN
상세설명  General-purpose single operational amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UA741CN 데이터시트(HTML) 4 Page - STMicroelectronics

  UA741CN Datasheet HTML 1Page - STMicroelectronics UA741CN Datasheet HTML 2Page - STMicroelectronics UA741CN Datasheet HTML 3Page - STMicroelectronics UA741CN Datasheet HTML 4Page - STMicroelectronics UA741CN Datasheet HTML 5Page - STMicroelectronics UA741CN Datasheet HTML 6Page - STMicroelectronics UA741CN Datasheet HTML 7Page - STMicroelectronics UA741CN Datasheet HTML 8Page - STMicroelectronics UA741CN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Absolute maximum ratings and operating conditions
UA741
4/11
DocID5304 Rev 3
2
Absolute maximum ratings and operating conditions
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
±22
V
Vid
Differential input voltage
±30
Vi
Input voltage
±15
Output short-circuit duration
Infinite
Rthja
Thermal resistance junction to ambient
DIP8
SO8
85
125
°C/W
Rthjc
Thermal resistance junction to case
DIP8
SO8
41
40
ESD
HBM: human body model(1)
DIP package
SO package
1. Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
500
400
V
MM: machine model(2)
2. Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
100
CDM: charged device model(3)
3. Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
1.5
kV
Tstg
Storage temperature range
-65 to +150
°C
Table 2. Operating conditions
Symbol
Parameter
UA741I
UA741C
Unit
VCC
Supply voltage
5 to 40
V
Vicm
Common mode input voltage range
±12
Toper
Operating free air temperature range
-40 to +105
0 to +70
°C


유사한 부품 번호 - UA741CN

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
UA741CN STMICROELECTRONICS-UA741CN Datasheet
490Kb / 11P
   GENERAL-PURPOSE SINGLE OP-AMPs
UA741CN STMICROELECTRONICS-UA741CN Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
UA741CN STMICROELECTRONICS-UA741CN Datasheet
153Kb / 11P
   General-purpose single operational amplifier
UA741CN STMICROELECTRONICS-UA741CN Datasheet
153Kb / 11P
   General-purpose single operational amplifier
UA741CN14 STMICROELECTRONICS-UA741CN14 Datasheet
490Kb / 11P
   GENERAL-PURPOSE SINGLE OP-AMPs
More results

유사한 설명 - UA741CN

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741_01 Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM741 NJRC-NJM741 Datasheet
174Kb / 5P
   SINGLE GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA741MD STMICROELECTRONICS-UA741MD Datasheet
153Kb / 11P
   General-purpose single operational amplifier
UA741 STMICROELECTRONICS-UA741_05 Datasheet
153Kb / 11P
   General-purpose single operational amplifier
UA741CDT STMICROELECTRONICS-UA741CDT Datasheet
153Kb / 11P
   General-purpose single operational amplifier
logo
Texas Instruments
OPA171-Q1 TI1-OPA171-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, General-Purpose Operational Amplifier
logo
STMicroelectronics
TL081 STMICROELECTRONICS-TL081 Datasheet
91Kb / 9P
   GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
TL081 STMICROELECTRONICS-TL081_07 Datasheet
321Kb / 14P
   GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA171-Q1 TI1-OPA171-Q1 Datasheet
767Kb / 18P
[Old version datasheet]   36V, SINGLE-SUPPLY, GENERAL-PURPOSE OPERATIONAL AMPLIFIER
UA702M TI-UA702M Datasheet
193Kb / 4P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com