전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD623-EVALZ 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD623-EVALZ
상세설명  Evaluation Board for the AD623
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD623-EVALZ 데이터시트(HTML) 1 Page - Analog Devices

  AD623-EVALZ Datasheet HTML 1Page - Analog Devices AD623-EVALZ Datasheet HTML 2Page - Analog Devices AD623-EVALZ Datasheet HTML 3Page - Analog Devices AD623-EVALZ Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Evaluation Board for the AD623
AD623-EVALZ
Rev. 0
Evaluation boards are only intended for device evaluation and not for production purposes.
Evaluation boards are supplied “as is” and without warranties of any kind, express, implied, or
statutory including, but not limited to, any implied warranty of merchantability or fitness for a
particular purpose. No license is granted by implication or otherwise under any patents or other
intellectual property by application or use of evaluation boards. Information furnished by Analog
Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog
Devicesforitsuse,norforanyinfringementsofpatentsorotherrightsofthirdpartiesthatmayresult
from its use. Analog Devices reserves the right to change devices or specifications at any time
without notice.Trademarks and registered trademarks are the property of their respective owners.
Evaluationboardsarenotauthorizedtobeusedinlifesupportdevicesorsystems.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Accepts SOIC or PDIP packages
Configurable for dual or single supplies
Provision for optional circuitry
Shield driver
Adjustable offset/reference
GENERAL DESCRIPTION
The AD623-EVALZ is an easy-to-use accessory for evaluating
the AD623 instrumentation amplifier. In addition to the basic
in-amp connection, circuit options enable the user to adjust the
offset voltage, apply an output reference, or provide shield
drivers with user-supplied components. The board is shipped
with a surface-mount package installed, and it has an alternative
footprint for a through-hole, 8-lead PDIP.
BASIC OPERATION
The AD623 converts a differential signal to a single-ended signal
with respect to a reference. User-supplied power supplies
connect +VS, –VS, and ground to pins of the AD623 on the
evaluation board. The differential signal is applied to the +IN
and –IN pins of the AD623, and the output is monitored at the
in-amp’s OUTPUT pin. Figure 2 shows the component layout
and location of connections.
FUNCTIONAL BLOCK DIAGRAM
5
W15
A3
OUTPUT
REF
7
4
5
6
OUTPUT
EXT_REF
R8
2
3
7
4
6
6
4
7
OFFSET ADJ.
OP177
W13
W11
W12
2
3
8
1
W8
W10
3
8
1
2
W5
W9
W2
W1
W3
GND2
+IN
+GUARD
–GUARD
–IN
GND1
W14
A2
A2
A1
R2
100Ω
R4
100Ω
REMOVE W3 AND W4 FOR AC COUPLING.
C1, 0.1µF
+VAUX
C6
0.1µF
C5
0.1µF
–VAUX
R3
100kΩ1
R5
100kΩ1
R52
R62
W4
C3, 0.1µF
RG
–RG
+RG
+VS
–VS
C4
0.1µF
C2
0.1µF
C10
0.1µF
C7
0.1µF
+VAUX
–VAUX
–VAUX
C8
0.1µF
OP177
CS2
J500
240µA
CS2
J500
240µA
R9
5.9kΩ, 1%
R10
5.9kΩ, 1%
R1
100kΩ
C9
0.1µF
NOTES
1INSTALL FOR AC COUPLING ONLY.
2TO USE GUARD DRIVER, INSTALL R5 AND R6
2INSTEAD OF RG. R5 AND R6 = 0.5RG.
W6
W7
C12
10µF
25V
C11
10µF
25V
GND
+
+
–VAUX
+VAUX
+VS
–VS
COMPONENTS IN SHADED AREAS
ARE USER SUPPLIED.
+
Figure 1.


유사한 부품 번호 - AD623-EVALZ

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
AD623-00 ETC2-AD623-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
More results

유사한 설명 - AD623-EVALZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
   Evaluation Board for the ADP1720
REV. 0
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
   Evaluation Board for the CS44L11
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
   Evaluation Board for the CS4354
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
   Evaluation Board for the CS53L30
logo
STMicroelectronics
UM0843 STMICROELECTRONICS-UM0843 Datasheet
871Kb / 48P
   EVALSPEAr310 - evaluation board for the SPEAr310
logo
Sames
PM9903BPE SAMES-PM9903BPE Datasheet
1Mb / 22P
   Evaluation Board for the SA9903B Energy
logo
Silicon Laboratories
SI3402BISO-EVB SILABS-SI3402BISO-EVB Datasheet
431Kb / 14P
   ISOLATED EVALUATION BOARD FOR THE Si3402B
logo
STMicroelectronics
UM0842 STMICROELECTRONICS-UM0842 Datasheet
810Kb / 50P
   EVALSPEAr320PLC evaluation board for the SPEAr320
STM32429I-EVAL STMICROELECTRONICS-STM32429I-EVAL Datasheet
204Kb / 3P
   Evaluation board for the STM32F429 line
September 2013 Rev 1
logo
Silicon Laboratories
SI3402ISO-EVB SILABS-SI3402ISO-EVB Datasheet
288Kb / 16P
   ISOLATED EVALUATION BOARD FOR THE Si3402
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com