전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2893-01 데이터시트(PDF) 1 Page - Fuji Electric

부품명 2SK2893-01
상세설명  N-channel MOS-FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJI [Fuji Electric]
홈페이지  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK2893-01 데이터시트(HTML) 1 Page - Fuji Electric

  2SK2893-01 Datasheet HTML 1Page - Fuji Electric 2SK2893-01 Datasheet HTML 2Page - Fuji Electric 2SK2893-01 Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SK2893-01
N-channel MOS-FET
FAP-IIIB Series
30V
4m
±100A 150W
> Features
> Outline Drawing
-
High Current
-
Low On-Resistance
-
No Secondary Breakdown
-
Low Driving Power
-
Avalanche Rated
> Applications
-
Motor Control
-
General Purpose Power Amplifier
-
DC-DC converters
> Maximum Ratings and Characteristics
-
Absolute Maximum Ratings (TC=25°C), unless otherwise specified
Item
Symbol
Characteristics
Unit
Drain-Source-Voltage
V DS
30
V
Continous Drain Current
I D
±100
A
Pulsed Drain Current
I D(puls)
±400
A
Gate-Source-Voltage
V GS
±16
V
Maximum Avalanche Energy
E AV
2536.7
mJ*
Max. Power Dissipation
P D
150
W
Operating and Storage Temperature Range
T ch
150
°C
T stg
-55 ~ +150
°C
L=0.338mH,Vcc=12V
-
Electrical Characteristics (TC=25°C), unless otherwise specified
Item
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Drain-Source Breakdown-Voltage
BV DSS
ID=1mA
VGS=0V
30
V
Gate Threshhold Voltage
V GS(th)
ID=1mA
VDS=VGS
1,0
1,5
2,0
V
Zero Gate Voltage Drain Current
I DSS
VDS=30V
Tch=25°C
10
500
µA
I DSS
VGS=0V
Tch=125°C
0,2
1,0
mA
Gate Source Leakage Current
I DSS
VGS=±16V
VDS=0V
10
100
nA
Drain Source On-State Resistance
R DS(on)
ID=50A
VGS=4V
4,8
7,0
ID=50A
VGS=10V
3,2
4,0
m
Forward Transconductance
g fs
ID=50A
VDS=25V
45
90
S
Input Capacitance
C iss
VDS=25V
6600
9900
pF
Output Capacitance
C oss
VGS=0V
3300
4950
pF
Reverse Transfer Capacitance
C rss
f=1MHz
1400
2100
pF
Turn-On-Time ton (ton=td(on)+tr)
t d(on)
VCC=15V
20
30
ns
t r
150
230
ns
Turn-Off-Time toff (ton=td(off)+tf)
t d(off)
470
710
ns
t f
RGS=10 Ω
370
560
ns
Avalanche Capability
I AV
L = 100µH
Tch=25°C
100
A
Diode Forward On-Voltage
V SD
IF=100A VGS=0V Tch=25°C
1,0
1,5
V
Reverse Recovery Time
t rr
IF=50A VGS=0V
95
ns
Reverse Recovery Charge
Q rr
-dI/dt=100A/µs Tch=25°C
0.22
µC
-
Thermal Characteristics
Item
Symbol
Min.
Typ.
Max.
Unit
Thermal Resistance
R th(ch-c)
channel to case
0,83
°C/W
R th(ch-a)
channel to air
35,00
°C/W
VGS=10V
ID=100A


유사한 부품 번호 - 2SK2893-01

제조업체부품명데이터시트상세설명
logo
Fuji Electric
2SK2893-01 FUJI-2SK2893-01 Datasheet
321Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Inchange Semiconductor ...
2SK2893-01 ISC-2SK2893-01 Datasheet
292Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fuji Electric
2SK2893-01 FUJI-2SK2893-01_05 Datasheet
321Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results

유사한 설명 - 2SK2893-01

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
logo
Fuji Electric
2SK1822-01M FUJI-2SK1822-01M Datasheet
185Kb / 2P
   N-channel MOS-FET
2SK1881-L FUJI-2SK1881-L Datasheet
203Kb / 2P
   N-channel MOS-FET
2SK1936-1 FUJI-2SK1936-1 Datasheet
216Kb / 2P
   N-channel MOS-FET
2SK1943-01 FUJI-2SK1943-01 Datasheet
203Kb / 2P
   N-channel MOS-FET
2SK1944-01 FUJI-2SK1944-01 Datasheet
219Kb / 2P
   N-channel MOS-FET
2SK1981-01 FUJI-2SK1981-01 Datasheet
215Kb / 2P
   N-channel MOS-FET
2SK1986-01 FUJI-2SK1986-01 Datasheet
214Kb / 2P
   N-channel MOS-FET
2SK2027-01 FUJI-2SK2027-01 Datasheet
210Kb / 2P
   N-channel MOS-FET
2SK2048-L FUJI-2SK2048-L Datasheet
206Kb / 2P
   N-channel MOS-FET
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com