전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQD5P10TM 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FQD5P10TM
상세설명  P-Channel QFET MOSFET -100 V, -3.6 A, 1.05?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD5P10TM 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FQD5P10TM Datasheet HTML 1Page - Fairchild Semiconductor FQD5P10TM Datasheet HTML 2Page - Fairchild Semiconductor FQD5P10TM Datasheet HTML 3Page - Fairchild Semiconductor FQD5P10TM Datasheet HTML 4Page - Fairchild Semiconductor FQD5P10TM Datasheet HTML 5Page - Fairchild Semiconductor FQD5P10TM Datasheet HTML 6Page - Fairchild Semiconductor FQD5P10TM Datasheet HTML 7Page - Fairchild Semiconductor FQD5P10TM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
©2000 Fairchild Semiconductor Corporation
FQD5P10 Rev. C0
www.fairchildsemi.com
5
Charge
VGS
-10V
Qg
Qgs
Qgd
-3mA
VGS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Charge
VGS
-10V
Qg
Qgs
Qgd
-3mA
VGS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
VDS
VGS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
-10V
VDS
RL
DUT
RG
VGS
VDS
VGS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
-10V
VDS
RL
DUT
RG
VGS
EAS =L IAS2
----
2
1
--------------------
BVDSS -VDD
BVDSS
VDD
VDS
BVDSS
t
p
VDD
IAS
VDS (t)
ID (t)
Time
-10V
DUT
RG
L
I D
t
p
EAS =L IAS2
----
2
1
EAS =L IAS2
----
2
1
----
2
1
--------------------
BVDSS -VDD
BVDSS
VDD
VDS
BVDSS
t
p
VDD
IAS
VDS (t)
ID (t)
Time
-10V
DUT
RG
LL
I D
I D
t
p
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms


유사한 부품 번호 - FQD5P10TM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQD5P10TF FAIRCHILD-FQD5P10TF Datasheet
527Kb / 8P
   P-Channel QFET짰 MOSFET -100 V, -3.6 A, 1.05?
More results

유사한 설명 - FQD5P10TM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQD5P10TF FAIRCHILD-FQD5P10TF Datasheet
527Kb / 8P
   P-Channel QFET짰 MOSFET -100 V, -3.6 A, 1.05?
FQT5P10TF FAIRCHILD-FQT5P10TF Datasheet
1Mb / 8P
   P-Channel QFET짰 MOSFET -100 V, -1.0 A, 1.05 廓
FQD8P10TF FAIRCHILD-FQD8P10TF Datasheet
551Kb / 9P
   P-Channel QFET MOSFET - 100 V, - 6.6 A, 530 m
FQD2P40TM FAIRCHILD-FQD2P40TM Datasheet
702Kb / 8P
   P-Channel QFET MOSFET -400 V, -1.56 A, 6.5
FQT3P20TF FAIRCHILD-FQT3P20TF Datasheet
1Mb / 8P
   P-Channel QFET MOSFET -200 V, -0.67 A, 2.7
FQB22P10 FAIRCHILD-FQB22P10_13 Datasheet
861Kb / 9P
   P-Channel QFET MOSFET
FQB34P10 FAIRCHILD-FQB34P10_13 Datasheet
526Kb / 9P
   P-Channel QFET MOSFET
FQB1P50TM FAIRCHILD-FQB1P50TM Datasheet
726Kb / 9P
   P-Channel QFET MOSFET - 500 V, - 1.5 A, 10.5 Ohm
FQT2P25TF FAIRCHILD-FQT2P25TF Datasheet
986Kb / 8P
   P-Channel QFET MOSFET
FQD17P06 FAIRCHILD-FQD17P06_13 Datasheet
892Kb / 9P
   P-Channel QFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com